Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

81N15-H-AB3-I-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 81N15-H-AB3-I-R
Description  VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81N15-H-AB3-I-R Datasheet(HTML) 4 Page - Unisonic Technologies

  81N15-H-AB3-I-R Datasheet HTML 1Page - Unisonic Technologies 81N15-H-AB3-I-R Datasheet HTML 2Page - Unisonic Technologies 81N15-H-AB3-I-R Datasheet HTML 3Page - Unisonic Technologies 81N15-H-AB3-I-R Datasheet HTML 4Page - Unisonic Technologies 81N15-H-AB3-I-R Datasheet HTML 5Page - Unisonic Technologies 81N15-H-AB3-I-R Datasheet HTML 6Page - Unisonic Technologies 81N15-H-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies 81N15-H-AB3-I-R Datasheet HTML 8Page - Unisonic Technologies 81N15-H-AB3-I-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
81CXXX/81NXXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 15
www.unisonic.com.tw
QW-R502-039,I
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
12
V
Output Current
IOUT
50
mA
CMOS
VSS-0.3 ~ VIN+0.3
Output Voltage
N-Ch open drain
VOUT
VSS-0.3 ~ 9
V
SOT-23
150
SOT-89
500
Power Dissipation
TO-92
PD
300
mW
Operating Temperature
TOPR
-30 ~ +80
℃
Storage Temperature
TSTG
-40 ~ +125
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-23
200
SOT-89
100
Thermal Resistance Junction-Case
TO-92
θJC
45
℃
/W
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Detection voltage (1.0V ~ 1.9V)
PARAMETER
SYMBOL CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Detect Voltage
VDF
1
VDF (T)
X0.98
VDF (T)
VDF (T)
X1.02
V
Hysteresis Range
VHYS
1
VDF
X0.02
VDF
X0.05
VDF
X0.08
V
Operating Voltage
VIN
1
VDF=1.6V ~ 6.0V
0.7
10.0
V
VIN=1.5V
0.9
2.6
µA
Supply Current
ISS
2
VIN=5.0
2.0
4.2
µA
3
N-ch
VDS=0.5V, VIN =1.0V
2.2
mA
Output Current
IOUT
4
P-ch
VDS=2.1V, VIN=8.0V
(CMOS output)
-15.4
mA
VDF
Temperature Characteristics
∆VDF
∆TOPR×VDF
±100
ppm/℃
Transient Delay Time
(VDR
VOUT inversion)
tDLY *
5
VIN changes from
0.6V ~ 10V
50
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com