Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX8ULPCEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX8ULPCEC
Description  i.MX 8ULP Applications Processor-Commercial Products
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPCEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX8ULPCEC Datasheet HTML 9Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 10Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 11Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 12Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 13Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 14Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 15Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 16Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
Table continued from the previous page...
Module
Domain
Description
Memories and memory controllers
LPUART0-7
APD, RTD
The Low Power Universal Asynchronous Receiver/Transmitter
(LPUART) module provides asynchronous, serial communication
capability with external devices. LPUART supports non-return-to-zero
(NRZ) encoding format and IrDA-compatible infrared (low-speed) SIR
format. The LPUART can continue operating while the processor is
in stop mode if an appropriate peripheral clock is available. This
module is designed for low CPU overhead with DMA offloading of FIFO
register accesses.
LPSPI0-5
APD, RTD
The Low Power Serial Peripheral Interface (LPSPI) module implements
an efficient interface to a SPI bus as a master and/or a slave. The
LPSPI can continue operating while the processor is in stop mode if an
appropriate peripheral clock is available. This module is designed for
low CPU overhead with DMA off-loading of FIFO register accesses.
USB-OTG0-1, USB-XBAR
APD, RTD
The Universal System Bus On-The-Go (USB-OTG) module is a USB
2.0-compliant implementation. The registers and data structures of this
USB controller are based on the Enhanced Host Controller Interface
Specification for Universal Serial Bus(EHCI). This module can act as
a host, a device or an On-The-Go negotiable host/device on the USB
bus.
USBDCD
APD
The USBDCD module works with the USB transceiver to detect
whether the USB device is attached to a Charging Port, either a
Dedicated Charging Port (DCP) or a Charging Downstream Port
(CDP).
USB-PHY
APD
The Universal System Bus Physical Layer (USB-PHY) macrocell
implements USB physical layer connecting to USB host/device
systems at low-speed, full-speed, and high-speed. USB-PHY provides
a standard UTMI interface for connection to the USB-OTG controller.
FlexIO0-1
APD, RTD
The Flexible Input/Output (FlexIO) module is capable of supporting a
wide range of protocols including, but not limited to: UART, I2C, SPI,
I2S, camera interface, display interface, PWM waveform generation,
etc.
Timers
LPTMR0-1
APD, RTD
The Low Power Timer (LPTMR) module is a 16-bit timer which
operates as real-time interrupt or pulse accumulator. This LPTMR
module can remain functional when the chip is in low power modes,
provided the reference clock to this timer is active.
LPTPM0-8
APD, RTD
The Timer/Pulse Width Modulation Module (LPTPM or TPM) is a multi-
channel timer module that supports input capture, output compare,
and the generation of PWM signals.The counter, compare and capture
registers are clocked by an asynchronous clock that can remain
enabled in low power modes.
Table continues on the next page...
NXP Semiconductors
i.MX 8ULP modules list
i.MX 8ULP Applications Processor—Commercial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
13 / 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com