Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM05S Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SM05S
Description  SM05S THRU SM10S SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SM05S Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SM05S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SM05S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SM05S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SM05S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SM05S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N1008, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SM05S
THRU
SM10S
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC
2. Thermal resistance junction to Ambient, junction to Lead.
Electrical Characteristics:@TA=25°C unless otherwise specified
Type Number
Symbol SM05S SM1S SM2S SM4S SM6S SM8S SM10S Units
Forward Voltage per element
@IF =0.8A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IR
5
500
μA
Typical Junction Capacitance (Note 1)
Cj
13
pF
Thermal-Mechanical Specifications:@TA=25°C unless otherwise specified
Type Number
Symbol SM05S SM1S SM2S SM4S SM6S SM8S SM10S Units
Typical Thermal Resistance per leg (Note 2)
RθJA
RθJL
60
16
°C/W
Operating Junction and Storage Temperature
Range
TJ ,TSTG
-55+150
°C
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com