Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BUW84 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUW84
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW84 Datasheet(HTML) 3 Page - NXP Semiconductors

  BUW84 Datasheet HTML 1Page - NXP Semiconductors BUW84 Datasheet HTML 2Page - NXP Semiconductors BUW84 Datasheet HTML 3Page - NXP Semiconductors BUW84 Datasheet HTML 4Page - NXP Semiconductors BUW84 Datasheet HTML 5Page - NXP Semiconductors BUW84 Datasheet HTML 6Page - NXP Semiconductors BUW84 Datasheet HTML 7Page - NXP Semiconductors BUW84 Datasheet HTML 8Page - NXP Semiconductors BUW84 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Aug 14
2
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW84; BUW85
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCESM
collector-emitter peak voltage
VBE =0
BUW84
−
800
V
BUW85
−
1000
V
VCEO
collector-emitter voltage
open base
BUW84
−
400
V
BUW85
−
450
V
VEBO
emitter-base voltage
open collector
−
5V
IC
collector current (DC)
see Figs 4 and 5
−
2A
ICM
collector current (peak value)
tp = 2 ms; see Figs 4 and 5
−
3A
IB
base current (DC)
−
0.75
A
IBM
base current (peak value)
−
1A
IBM
base current (reversed; peak value) turn-off current
−−1A
Ptot
total power dissipation
Tmb ≤ 25 °C; see Fig.8
−
50
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCEOsust
collector-emitter sustaining voltage
IC = 100 mA; IBoff =0;
L = 25 mH; see Figs 2 and 3
BUW84
400
−−
V
BUW85
450
−−
V
VCEsat
collector-emitter saturation voltage
IC = 0.3 A; IB =30mA;
see Fig.7
−−
0.8
V
IC = 1 A; IB = 200 mA;
see Fig.7
−−
1V
VBEsat
base-emitter saturation voltage
IC = 1 A; IB = 200 mA
−−
1.1
V
ICES
collector-emitter cut-off current
VCEM =VCEMSmax; VBE =0;
note 1
−−
200
µA
VCEM =VCEMSmax; VBE =0;
Tj = 125 °C; note 1
−−
1.5
mA
IEBO
emitter-base cut-off current
VEB =5V; IC =0
−−
1mA
hFE
DC current gain
VCE =5V; IC = 5 A; see Fig.10 15
−−
VCE =5V; IC = 100 mA;
see Fig.10
20
50
100
fT
transition frequency
VCE =10V; IC = 200 mA;
f = 1 MHz
−
20
−
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com