Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VENUSL/KG/QP1S Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # VENUSL/KG/QP1S
Description  CDMA/AMPS Dual Band and RF Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

VENUSL/KG/QP1S Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

  VENUSL/KG/QP1S Datasheet HTML 1Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 2Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 3Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 4Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 5Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 6Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 7Page - Zarlink Semiconductor Inc VENUSL/KG/QP1S Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5
VENUS-L
Datasheet
Electrical Characteristics (AC specification) Continued
T
AMB = -30°C to +70°C, VCC = +2.7 to +3.6V. These characteristics are guaranteed by either production test or
design. They apply within the specified ambient temperature and supply voltage ranges unless otherwise stated.
Unless otherwise stated the frequencies used for measurements are to be.
900MHz Signal Path: RF = 881.5MHz, LO = 966.88MHz, IF = 85.38MHz.
Characteristic
Value
Units
Conditions
Min
Typ
Max
900MHz Signal Path
Input=RF 900 Output=AMPS IF
and AMPS IFB
Overall Power Gain, RF input to IF
7
8
9
dB
LO= -10dBm from a 50ohm
output
source
Noise Figure
9
11
dB
Total to IF outputs (SSB).
Input third order intercept point
5
dBm
RF Input impedance
50
Ohm
With simple external matching
network. Matching network must
include an inductor connected
between the RF 900 pin and GND.
Return Loss
15
dB
With simple external matching
network. Matching network must
include an inductor connected
between the RF 900 pin and GND
RF Frequency
800
1000
MHz
IF Frequency
50
250
MHz
Input 1dB compression
-8
dBm
Load impedance
850
Ω
Differential. Will require an
externa lresistor and a simple
external matching network.
RF LO BUFFERS
LO feedthrough to IF outputs
-30
dBm
LO feedthrough to RF inputs
-40
dBm
LO input level
-10
-5
dBm
LO input impedance
50
Ω
With simple external matching
network
LO port Return Loss
15
dB
With simple external matching
network



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com