Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VP531E/CG/GP1N Datasheet(PDF) 13 Page - Zarlink Semiconductor Inc

Part # VP531E/CG/GP1N
Description  NTSC/PAL Digital Video Encoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

VP531E/CG/GP1N Datasheet(HTML) 13 Page - Zarlink Semiconductor Inc

Back Button VP531E/CG/GP1N Datasheet HTML 9Page - Zarlink Semiconductor Inc VP531E/CG/GP1N Datasheet HTML 10Page - Zarlink Semiconductor Inc VP531E/CG/GP1N Datasheet HTML 11Page - Zarlink Semiconductor Inc VP531E/CG/GP1N Datasheet HTML 12Page - Zarlink Semiconductor Inc VP531E/CG/GP1N Datasheet HTML 13Page - Zarlink Semiconductor Inc VP531E/CG/GP1N Datasheet HTML 14Page - Zarlink Semiconductor Inc VP531E/CG/GP1N Datasheet HTML 15Page - Zarlink Semiconductor Inc VP531E/CG/GP1N Datasheet HTML 16Page - Zarlink Semiconductor Inc VP531E/CG/GP1N Datasheet HTML 17Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
VP531E/VP551E
12
TIMING INFORMATION
Min.
Typ.
10
14.5
10
5
10
0
10
0
9
27.0
Max.
TBD
TBD
25
Units
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
PXCK
periods
ns
fPXCK
tPWH; PXCK
tPWL; PXCK
tRP
tFP
tSU;PD
tHD;PD
tSU;SC_SYNC
tHD;SC_SYNC
tSU;PAL_ID
tHD;PAL_ID
tDUR;PAL_ID
tDOS
10% to 90% points
90% to 10% points
PXCK to COMPSYNC
PXCK to CLAMP
Conditions
Parameters
Master clock frequency (PXCK input)
PXCK pulse width, HIGH
PXCK pulse width, LOW
PXCK rise time
PXCK fall time
PD7-0 set up time
PD7-0 hold time
SC_SYNC set up time
SC_SYNC hold time
PAL_ID set up time
PAL_ID hold time
PAL_ID duration
Output delay
Symbol
Note: Timing reference points are at the 50% level. Digital CLOAD <40pF.
Figure 6 Typical application diagram, SLAVE mode. (Output filter - see Fig.7)
+5V
SCL
SDA
SA1
SA2
I2C
BUS
100
µF
VDD, AVDD
GND, AGND
2k2
Ω
LUMA
OUT
54
58
51
8
PD0-7
28
30
26
27
2k2
Ω
COMP
CHROMA
OUT
DAC
GAIN
VREF
COMP
OUT
52
CLAMP
COMP
SYNC
CLAMP
COMP
SYNC
17
18
56
PXCK
15
34
3-10
8
GPP
D0-7
PXCK
REFSQ
50
VDD
GND
10nF
GND
769
Ω
SCL
SDA
SA1
SA2
RESET
RESET
REFSQ
VIDEO IN
35
39-46
LUMAOUT
CHROMAOUT
VREF
COMPOSITE
OUT
OUTPUT
FILTER
OUTPUT
FILTER
OUTPUT
FILTER
AT EVERY
VDD PIN
FERRITE
BEAD
100nF
100nF
75
Ω
-1
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com