Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F407IGT7TR Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32F407IGT7TR
Description  Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGT7TR Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32F407IGT7TR Datasheet HTML 92Page - STMicroelectronics STM32F407IGT7TR Datasheet HTML 93Page - STMicroelectronics STM32F407IGT7TR Datasheet HTML 94Page - STMicroelectronics STM32F407IGT7TR Datasheet HTML 95Page - STMicroelectronics STM32F407IGT7TR Datasheet HTML 96Page - STMicroelectronics STM32F407IGT7TR Datasheet HTML 97Page - STMicroelectronics STM32F407IGT7TR Datasheet HTML 98Page - STMicroelectronics STM32F407IGT7TR Datasheet HTML 99Page - STMicroelectronics STM32F407IGT7TR Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 203 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
96/203
DS8626 Rev 9
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 28. The MCU is placed
under the following conditions:
•
At startup, all I/O pins are configured as analog pins by firmware.
•
All peripherals are disabled unless otherwise mentioned
•
The code is running from Flash memory and the Flash memory access time is equal to
5 wait states at 168 MHz.
•
The code is running from Flash memory and the Flash memory access time is equal to
4 wait states at 144 MHz, and the power scale mode is set to 2.
•
The ART accelerator is ON.
•
The given value is calculated by measuring the difference of current consumption
–
with all peripherals clocked off
–
with one peripheral clocked on (with only the clock applied)
•
When the peripherals are enabled: HCLK is the system clock, fPCLK1 = fHCLK/4, and
fPCLK2 = fHCLK/2.
•
The typical values are obtained for VDD = 3.3 V and TA= 25 °C, unless otherwise
specified.
Table 28. Peripheral current consumption
Peripheral
IDD(Typ)(1)
Unit
Scale1
(up t 168 MHz)
Scale2
(up to 144 MHz)
AHB1
(up to 168 MHz)
GPIOA
2.70
2.40
µA/MHz
GPIOB
2.50
2.22
GPIOC
2.54
2.28
GPIOD
2.55
2.28
GPIOE
2.68
2.40
GPIOF
2.53
2.28
GPIOG
2.51
2.22
GPIOH
2.51
2.22
GPIOI
2.50
2.22
OTG_HS+ULPI
28.33
25.38
CRC
0.41
0.40
BKPSRAM
0.63
0.58
DMA1
37.44
33.58
DMA2
37.69
33.93
ETH_MAC
ETH_MAC_TX
ETH_MAC_RX
ETH_MAC_PTP
20.43
18.39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com