Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F405IGH7TR Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32F405IGH7TR
Description  Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405IGH7TR Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32F405IGH7TR Datasheet HTML 93Page - STMicroelectronics STM32F405IGH7TR Datasheet HTML 94Page - STMicroelectronics STM32F405IGH7TR Datasheet HTML 95Page - STMicroelectronics STM32F405IGH7TR Datasheet HTML 96Page - STMicroelectronics STM32F405IGH7TR Datasheet HTML 97Page - STMicroelectronics STM32F405IGH7TR Datasheet HTML 98Page - STMicroelectronics STM32F405IGH7TR Datasheet HTML 99Page - STMicroelectronics STM32F405IGH7TR Datasheet HTML 100Page - STMicroelectronics STM32F405IGH7TR Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 203 page
background image
DS8626 Rev 9
97/203
STM32F405xx, STM32F407xx
Electrical characteristics
AHB2
(up to 168 MHz)
OTG_FS
26.45
26.67
µA/MHz
DCMI
5.87
5.35
RNG
1.50
1.67
AHB3
(up to 168 MHz)
FSMC
12.46
11.31
µA/MHz
Bus matrix(2)
13.10
11.81
µA/MHz
APB1
(up to 42 MHz)
TIM2
16.71
16.50
µA/MHz
TIM3
12.33
11.94
TIM4
13.45
12.92
TIM5
17.14
16.58
TIM6
2.43
3.06
TIM7
2.43
2.22
TIM12
6.62
6.83
TIM13
5.05
5.47
TIM14
5.26
5.61
PWR
1.00
0.56
USART2
2.69
2.78
USART3
2.74
2.78
UART4
3.24
3.33
UART5
2.69
2.78
I2C1
2.67
2.50
I2C2
2.83
2.78
I2C3
2.81
2.78
SPI2
2.43
2.22
SPI3
2.43
2.22
I2S2(3)
2.43
2.22
I2S3(3)
2.26
2.22
CAN1
5.12
5.56
CAN2
4.81
5.28
DAC(4)
1.67
1.67
WWDG
1.00
0.83
Table 28. Peripheral current consumption (continued)
Peripheral
IDD(Typ)(1)
Unit
Scale1
(up t 168 MHz)
Scale2
(up to 144 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com