Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F407IGH7TR Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F407IGH7TR
Description  Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH7TR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F407IGH7TR Datasheet HTML 55Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 56Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 57Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 58Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 59Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 60Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 61Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 62Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 203 page
background image
DS8626 Rev 9
59/203
STM32F405xx, STM32F407xx
Pinouts and pin description
-
A8
-
143 C6 171
PDR_ON
I
FT
-
-
-
64 A1
10
0
144 C5 172
VDD
S-
-
-
-
-
-
-
-
D4 173
PI4
I/O
FT
-
TIM8_BKIN / DCMI_D5/
EVENTOUT
-
-
-
-
-
C4 174
PI5
I/O
FT
-
TIM8_CH1 /
DCMI_VSYNC/
EVENTOUT
-
-
-
-
-
C3 175
PI6
I/O
FT
-
TIM8_CH2 / DCMI_D6/
EVENTOUT
-
-
-
-
-
C2 176
PI7
I/O
FT
-
TIM8_CH3 / DCMI_D7/
EVENTOUT
-
1. UFBGA176 F6, F7, F8, F9, F10, G6, G7, G8, G9, G10, H6, H7, H8, H9, H10, J6, J7, J8, J9, J10, K6, K7, K8, K9 and K10 balls
are connected to VSS for heat dissipation and package mechanical stability.
2. Function availability depends on the chosen device.
3. PC13, PC14, PC15 and PI8 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 and PI8 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These I/Os must not be used as a current source (e.g. to drive an LED).
4. Main function after the first backup domain power-up. Later on, it depends on the contents of the RTC registers even after
reset (because these registers are not reset by the main reset). For details on how to manage these I/Os, refer to the RTC
register description sections in the STM32F4xx reference manual, available from the STMicroelectronics website:
www.st.com.
5. FT = 5 V tolerant except when in analog mode or oscillator mode (for PC14, PC15, PH0 and PH1).
6. If the device is delivered in an UFBGA176 or WLCSP90 and the BYPASS_REG pin is set to VDD (Regulator off/internal reset
ON mode), then PA0 is used as an internal Reset (active low).
Table 7. STM32F40xxx pin and ball definitions(1) (continued)
Pin number
Pin name
(function after
reset)(2)
Alternate functions
Additional
functions
Table 8. FSMC pin definition
Pins(1)
FSMC
LQFP100(2)
WLCSP90
(2)
CF
NOR/PSRAM/
SRAM
NOR/PSRAM Mux NAND 16 bit
PE2
-
A23
A23
-
Yes
-
PE3
-
A19
A19
-
Yes
-
PE4
-
A20
A20
-
Yes
-
PE5
-
A21
A21
-
Yes
-
PE6
-
A22
A22
-
Yes
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com