Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F407IGH7TR Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F407IGH7TR
Description  Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH7TR Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F407IGH7TR Datasheet HTML 110Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 111Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 112Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 113Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 114Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 115Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 116Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 117Page - STMicroelectronics STM32F407IGH7TR Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 203 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
114/203
DS8626 Rev 9
5.3.16
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 48 are derived from tests
performed under the conditions summarized in Table 14. All I/Os are CMOS and TTL
compliant.
Note:
For information on GPIO configuration, refer to application note AN4899 “STM32 GPIO
configuration for hardware settings and low-power consumption” available from the ST
website www.st.com.
Table 47. I/O current injection susceptibility
Symbol
Description
Functional susceptibility
Unit
Negative
injection
Positive
injection
IINJ(1)
Injected current on BOOT0 pin
− 0
NA
mA
Injected current on NRST pin
− 0
NA
Injected current on PE2, PE3, PE4, PE5, PE6,
PI8, PC13, PC14, PC15, PI9, PI10, PI11, PF0,
PF1, PF2, PF3, PF4, PF5, PF10, PH0/OSC_IN,
PH1/OSC_OUT, PC0, PC1, PC2, PC3, PB6,
PB7, PB8, PB9, PE0, PE1, PI4, PI5, PI6, PI7,
PDR_ON, BYPASS_REG
− 0
NA
Injected current on all FT pins
− 5NA
Injected current on any other pin
− 5+5
1. It is recommended to add a Schottky diode (pin to ground) to analog pins which may potentially inject negative currents.
Table 48. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
FT, TTa and NRST I/O input low
level voltage
1.7 V ≤ VDD ≤ 3.6 V
-
-
0.3VDD-0.04(1)
V
-
-
0.3VDD(2)
BOOT0 I/O input low level
voltage
1.75 V ≤ VDD ≤ 3.6 V
-40 °C≤ TA ≤ 105 °C
--
0.1VDD-+0.1(1)
1.7 V ≤ VDD ≤ 3.6 V
0 °C≤ TA ≤ 105 °C
--
VIH
FT, TTa and NRST I/O input low
level voltage
1.7 V ≤ VDD ≤ 3.6 V
0.45VDD+0.3(1)
--
0.7VDD(2)
--
BOOT0 I/O input low level
voltage
1.75 V ≤ VDD ≤ 3.6 V
-40 °C≤ TA ≤ 105 °C
0.17VDD+0.7(1)
--
1.7 V ≤ VDD ≤ 3.6 V
0 °C≤ TA ≤ 105 °C
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com