Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F407IGT6 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32F407IGT6
Description  Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGT6 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32F407IGT6 Datasheet HTML 13Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 14Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 15Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 16Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 17Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 18Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 19Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 20Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 203 page
background image
DS8626 Rev 9
17/203
STM32F405xx, STM32F407xx
Description
Figure 2. Compatible board design STM32F10xx/STM32F2/STM32F40xxx
for LQFP100 package
Figure 3. Compatible board design between STM32F10xx/STM32F2/STM32F40xxx
for LQFP144 package
ai18488d
20
49
125
26
50
51
75
100
76
73
19
VSS
VSS
VDD
VSS
VSS
VSS
0 Ω resistor or soldering bridge
present for the STM32F10xxx
configuration, not present in the
STM32F4xx configuration
99 (VSS)
VSS
Two 0 Ω resistors connected to:
- VSS for the STM32F10xx
- VSS for the STM32F4xx
- VSS or NC for the STM32F2xx
VSS for STM32F10xx
VDD for STM32F4xx
ai18487d
31
71
136
37
72
73
108
144
109
VSS
0 Ω resistor or soldering bridge
present for the STM32F10xx
configuration, not present in the
STM32F4xx configuration
106
VSS
30
Two 0 Ω resistors connected to:
- VSS for the STM32F10xx
- VSS, VDD or NC for the STM32F2xx
- VDD or signal from external power supply supervisor for the STM32F4xx
VSS
VDD
VSS
VSS
143 (PDR_ON)
VSS
VDD
VSS for STM32F10xx
VDD for STM32F4xx
Signal from
external power
supply
supervisor
Not populated when 0 Ω
resistor or soldering
bridge present
Not populated for STM32F10xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com