Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F407IGT6 Datasheet(PDF) 201 Page - STMicroelectronics

Part # STM32F407IGT6
Description  Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGT6 Datasheet(HTML) 201 Page - STMicroelectronics

Back Button STM32F407IGT6 Datasheet HTML 195Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 196Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 197Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 198Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 199Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 200Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 201Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 202Page - STMicroelectronics STM32F407IGT6 Datasheet HTML 203Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 201 / 203 page
background image
DS8626 Rev 9
201/203
STM32F405xx, STM32F407xx
Revision history
22-Oct-2015
6
In the whole document, updated notes related to values guaranteed by
design or by characterization.
Updated Table 34: HSI oscillator characteristics.
Changed fVCO_OUT minimum value and VCO freq to 100 MHz in
Table 36: Main PLL characteristics and Table 37: PLLI2S (audio PLL)
characteristics.
Updated Figure 39: SPI timing diagram - slave mode and CPHA = 0.
Updated Figure 53: 12-bit buffered /non-buffered DAC.
Removed note 1 related to better performance using a restricted VDD
range in Table 68: ADC accuracy at fADC = 30 MHz.
Upated Figure 84: LQFP144 - 144-pin, 20 x 20 mm low-profile quad flat
package outline.
Updated Figure 87: UFBGA176+25 ball, 10 x 10 mm, 0.65 mm pitch,
ultra fine pitch ball grid array package outline and Table 95:
UFBGA176+25 ball, 10 × 10 × 0.65 mm pitch, ultra thin fine pitch ball
grid array mechanical data.
16-Mar-2016
7
Updated Figure 2: Compatible board design
STM32F10xx/STM32F2/STM32F40xxx for LQFP100 package.
Updated |VSSX
− VSS| in Table 11: Voltage characteristics to add VREF−.
Added VREF− in Table 67: ADC characteristics.
Updated Table 90: WLCSP90 - 4.223 x 3.969 mm, 0.400 mm pitch
wafer level chip scale package mechanical data.
Table 99. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com