Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD1117AL-12-TN3-B-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LD1117AL-12-TN3-B-R
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1117AL-12-TN3-B-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LD1117AL-12-TN3-B-R Datasheet HTML 1Page - Unisonic Technologies LD1117AL-12-TN3-B-R Datasheet HTML 2Page - Unisonic Technologies LD1117AL-12-TN3-B-R Datasheet HTML 3Page - Unisonic Technologies LD1117AL-12-TN3-B-R Datasheet HTML 4Page - Unisonic Technologies LD1117AL-12-TN3-B-R Datasheet HTML 5Page - Unisonic Technologies LD1117AL-12-TN3-B-R Datasheet HTML 6Page - Unisonic Technologies LD1117AL-12-TN3-B-R Datasheet HTML 7Page - Unisonic Technologies LD1117AL-12-TN3-B-R Datasheet HTML 8Page - Unisonic Technologies LD1117AL-12-TN3-B-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LD1117/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 12
www.unisonic.com.tw
QW-R102-006,Q
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
VIN
18
V
Power Dissipation
PD
Internally limited
Junction Temperature
TJ
+150
°C
Storage temperature
TSTG
-65 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
15
V
Operating Junction Temperature Range
TJ
0 ~ +125
°C
ELECTRICAL CHARACTERISTICS
(Ta=25 ,
℃
refer to the test circuits, TJ=0 to 125°C, Co=10μF unless otherwise specified)
For LD1117/A-1.2
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN=3.2V, IOUT=10mA, TJ=25°C
1.188
1.200
1.212
V
Output Voltage
VOUT
VIN=2.7 to 8V
LD1117 : IOUT=0 ~ 800mA
LD1117A : IOUT=0 ~ 1.0A
1.176
1.200
1.224
V
Line Regulation
ΔVOUT VIN=2.7 to 8V, IOUT=0mA
1
6
mV
Load Regulation
ΔVOUT
VIN=2.7V
LD1117 : IOUT=0 ~ 800mA
LD1117A : IOUT=0 ~ 1000mA
1
10
mV
Temperature stability
ΔVOUT
0.5
%
Long Term Stability
ΔVOUT 1000 hrs, TJ =125°C
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
IQ
VIN≤10V
5
10
mA
LD1117
800
Current Limit
ILIMIT
VIN=6.2V, TJ =25°C
LD1117A
1000
mA
Minimum Load Current
IO(MIN)
VIN=15V
2
5
mA
Output Noise Voltage
eN
B=10Hz to 10KHz, TJ =25°C
100
μV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ =25°C,
VIN=4.2V, VRIPPLE=1Vpp
60
75
dB
Dropout Voltage
VD
IOUT=100mA
IOUT=500mA
IOUT=800mA
IOUT=1000 mA
1.00
1.15
1.20
1.20
1.10
1.25
1.30
1.30
V
V
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com