Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD1117AL-30-TN3-B-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LD1117AL-30-TN3-B-R
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1117AL-30-TN3-B-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LD1117AL-30-TN3-B-R Datasheet HTML 1Page - Unisonic Technologies LD1117AL-30-TN3-B-R Datasheet HTML 2Page - Unisonic Technologies LD1117AL-30-TN3-B-R Datasheet HTML 3Page - Unisonic Technologies LD1117AL-30-TN3-B-R Datasheet HTML 4Page - Unisonic Technologies LD1117AL-30-TN3-B-R Datasheet HTML 5Page - Unisonic Technologies LD1117AL-30-TN3-B-R Datasheet HTML 6Page - Unisonic Technologies LD1117AL-30-TN3-B-R Datasheet HTML 7Page - Unisonic Technologies LD1117AL-30-TN3-B-R Datasheet HTML 8Page - Unisonic Technologies LD1117AL-30-TN3-B-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LD1117/A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 12
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R102-006,Q
LOW DROP FIXED AND
ADJUSTABLE POSITIVE
VOLTAGE REGULATORS
DESCRIPTION
The UTC LD1117/A is a low dropout, 3-terminal positive
voltage regulator designed to provide output current up to
800mA/1A, There are adjustable version (VREF=1.25V) and various
fixed versions.
FEATURES
* Low dropout voltage
* Suitable for SCSI-2 active termination if VOUT set to 2.85V
* Output current up to 0.8A for 1117 and 1.0A for 1117A
* Built-in current limit and over temperature protection
* Available in
±1%(at 25°C) and 2% in all temperature range
* Low current consumption
*Pb-free plating product number:
LD1117L-xx / LD1117AL-xx
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
②
Pin Assignment
③
Packing
LD1117①-xx-AA3-②-③
LD1117①L-xx-AA3-②-③
SOT-223
LD1117①-xx-AB3-②-③
LD1117①L-xx-AB3-②-③
SOT-89
LD1117①-xx-TA3-②-③
LD1117①L-xx-TA3-②-③
TO-220
LD1117①-xx-TN3-②-③
LD1117①L-xx-TN3-②-③
TO-252
LD1117①-xx-TQ2-②-③
LD1117①L-xx-TQ2-②-③
TO-263
LD1117①-xx-TQ3-②-③
LD1117①L-xx-TQ3-②-③
TO-263-3
A: GOI
B: OGI
C: GIO
D: IGO
LD1117①-xx-S08-②-③
LD1117①L-xx-S08-②-③
SOP-8
GOOIxOOx
R: Tape Reel
T: Tube
Note: Pin Assignment: I:VIN O:VOUT G:GND


Similar Part No. - LD1117AL-30-TN3-B-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD1117AL UTC-LD1117AL Datasheet
148Kb / 12P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AL STMICROELECTRONICS-LD1117AL Datasheet
434Kb / 27P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
19-Jan-2007
logo
Unisonic Technologies
LD1117AL UTC-LD1117AL Datasheet
452Kb / 15P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LD1117AL-30-TN3-B-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
06-Dec-2006
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Wuxi Youda electronics ...
YD1117 YOUDA-YD1117 Datasheet
84Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
Low drop fixed and adjustable positive voltage regulators
24-Jul-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com