Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5CEBA7F23I6N Datasheet(PDF) 27 Page - Intel Corporation

Part # 5CEBA7F23I6N
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA7F23I6N Datasheet(HTML) 27 Page - Intel Corporation

Back Button 5CEBA7F23I6N Datasheet HTML 23Page - Intel Corporation 5CEBA7F23I6N Datasheet HTML 24Page - Intel Corporation 5CEBA7F23I6N Datasheet HTML 25Page - Intel Corporation 5CEBA7F23I6N Datasheet HTML 26Page - Intel Corporation 5CEBA7F23I6N Datasheet HTML 27Page - Intel Corporation 5CEBA7F23I6N Datasheet HTML 28Page - Intel Corporation 5CEBA7F23I6N Datasheet HTML 29Page - Intel Corporation 5CEBA7F23I6N Datasheet HTML 30Page - Intel Corporation 5CEBA7F23I6N Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
PCS Features
The Cyclone V core logic connects to the PCS through an 8, 10, 16, 20, 32, or 40 bit
interface, depending on the transceiver data rate and protocol. Cyclone V devices
contain PCS hard IP to support PCIe Gen1 and Gen2, Gbps Ethernet (GbE), Serial
RapidIO® (SRIO), and Common Public Radio Interface (CPRI).
Most of the standard and proprietary protocols from 614 Mbps to 6.144 Gbps are
supported.
Table 23.
Transceiver PCS Features for Cyclone V Devices
PCS Support
Data Rates
(Gbps)
Transmitter Data Path Feature
Receiver Data Path Feature
3-Gbps and 6-Gbps Basic
0.614 to 6.144
• Phase compensation FIFO
• Byte serializer
• 8B/10B encoder
• Transmitter bit-slip
• Word aligner
• Deskew FIFO
• Rate-match FIFO
• 8B/10B decoder
• Byte deserializer
• Byte ordering
• Receiver phase compensation
FIFO
PCIe Gen1
(x1, x2, x4)
2.5 and 5.0
• Dedicated PCIe PHY IP core
• PIPE 2.0 interface to the core
logic
• Dedicated PCIe PHY IP core
• PIPE 2.0 interface to the core
logic
PCIe Gen2
( x1, x2, x4)(12)
GbE
1.25
• Custom PHY IP core with preset
feature
• GbE transmitter synchronization
state machine
• Custom PHY IP core with preset
feature
• GbE receiver synchronization
state machine
XAUI (13)
3.125
• Dedicated XAUI PHY IP core
• XAUI synchronization state
machine for bonding four
channels
• Dedicated XAUI PHY IP core
• XAUI synchronization state
machine for realigning four
channels
HiGig
3.75
SRIO 1.3 and 2.1
1.25 to 3.125
• Custom PHY IP core with preset
feature
• SRIO version 2.1-compliant x2
and x4 channel bonding
• Custom PHY IP core with preset
feature
• SRIO version 2.1-compliant x2
and x4 deskew state machine
SDI, SD/HD, and 3G-SDI
0.27(14), 1.485,
and 2.97
Custom PHY IP core with preset
feature
Custom PHY IP core with preset
feature
JESD204A
0.3125(15) to
3.125
continued...
(12) PCIe Gen2 is supported for Cyclone V GT and ST devices. The PCIe Gen2 x4 support is
PCIe-compatible.
(13) XAUI is supported through the soft PCS.
(14) The 0.27-Gbps data rate is supported using oversampling user logic that you must implement
in the FPGA fabric.
(15) The 0.3125-Gbps data rate is supported using oversampling user logic that you must
implement in the FPGA fabric.
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com