Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT24C01LIT3 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT24C01LIT3
Description  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C01LIT3 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24C01LIT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CAT24C01/02/04/08/16
6
Doc. No. 1115, Rev. C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WRITE OPERATIONS
Byte Write
In Byte Write mode, the Master sends the START condi-
tion and the Slave address with the R/W bit set to zero
to the Slave. After the Slave generates an acknowledge,
the Master sends the byte address that is to be written
into the address pointer of the CAT24Cxx. After receiv-
ing another acknowledge from the Slave, the Master
transmits the data byte to be written into the addressed
memory location. The CAT24Cxx device will acknowl-
edge the data byte and the Master generates the STOP
condition, at which time the device begins its internal
Write cycle to nonvolatile memory (Figure 5). While this
internal cycle is in progress (tWR), the SDA output will
be tri-stated and the CAT24Cxx will not respond to any
request from the Master device (Figure 6).
Page Write
The CAT24Cxx writes up to 16 bytes of data in a single
write cycle, using the Page Write operation (Figure 7).
The Page Write operation is initiated in the same manner
as the Byte Write operation, however instead of termi-
nating after the data byte is transmitted, the Master is
allowed to send up to fifteen additional bytes. After each
byte has been transmitted the CAT24Cxx will respond
with an acknowledge and internally increments the four
low order address bits. The high order bits that define
the page address remain unchanged. If the Master
transmits more than sixteen bytes prior to sending the
STOP condition, the address counter ‘wraps around’ to
the beginning of page and previously transmitted data
will be overwritten. Once all sixteen bytes are received
and the STOP condition has been sent by the Master,
the internal Write cycle begins. At this point all received
data is written to the CAT24Cxx in a single write cycle.
Acknowledge Polling
The acknowledge (ACK) polling routine can be used to
take advantage of the typical write cycle time. Once the
stop condition is issued to indicate the end of the host’s
write operation, the CAT24Cxx initiates the internal write
cycle. TheACK polling can be initiated immediately. This
involves issuing the start condition followed by the slave
address for a write operation. If the CAT24Cxx is still
busy with the write operation, NoACK will be returned. If
the CAT24Cxx has completed the internal write operation,
an ACK will be returned and the host can then proceed
with the next read or write operation.
Hardware Write Protection
WiththeWPpinheldHIGH,theentirememoryisprotected
against Write operations. If the WP pin is left floating or
is grounded, it has no impact on the operation of the
CAT24Cxx. The state of the WP pin is strobed on the
last falling edge of SCL immediately preceding the first
data byte (Figure 8). If the WP pin is HIGH during the
strobe interval, the CAT24Cxx will not acknowledge the
data byte and the Write request will be rejected.
Delivery State
The CAT24Cxx is shipped erased, i.e., all bytes are
FFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com