Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT25C02LITE13 Datasheet(PDF) 12 Page - Catalyst Semiconductor

Part # CAT25C02LITE13
Description  1K/2K/4K SPI Serial CMOS EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C02LITE13 Datasheet(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT25C02LITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C02LITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C02LITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C02LITE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C02LITE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C02LITE13 Datasheet HTML 12Page - Catalyst Semiconductor CAT25C02LITE13 Datasheet HTML 13Page - Catalyst Semiconductor CAT25C02LITE13 Datasheet HTML 14Page - Catalyst Semiconductor CAT25C02LITE13 Datasheet HTML 15Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Discontinued
Parts
12
CAT25C01, CAT25C02, CAT25C04
Doc. No. 1105, Rev. B
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
8-LEAD TSSOP (Y)
Notes:
1.
All dimensions in millimeters.
8
5
1
4
E
E1
E/2
PIN #1 IDENT.
D
b
L
θ1
e
A
A1
A2
SEE DETAIL A
SEE DETAIL A
SEATING PLANE
c
GAGE PLANE
0.25
SYMBOL
A
A1
A2
b
c
D
E
E1
e
L
θ1
MIN
0.05
0.80
0.09
2.90
6.30
6.4
4.30
0.00
8.00
NOM
0.90
0.30
0.19
3.00
4.40
0.60
0.75
0.50
MAX
1.20
0.15
1.05
0.20
3.10
6.50
4.50
0.65 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com