Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT25C32PSATE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT25C32PSATE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C32PSATE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT25C32PSATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CAT25C32/64
32K/64K-Bit SPI Serial CMOS EEPROM
FEATURES
s 10 MHz SPI compatible
s 1.8 to 6.0 volt operation
s Hardware and software protection
s Low power CMOS technology
s SPI modes (0,0 &1,1)
s Commercial, industrial and automotive
temperature ranges
s 1,000,000 program/erase cycles
s 100 year data tetention
s Self-timed write cycle
s 8-pin DIP/SOIC, 14-pin TSSOP and 20-pin
TSSOP
s 64-Byte page write buffer
s Block write protection
– Protect 1/4, 1/2 or all of EEPROM array
PIN CONFIGURATION
BLOCK DIAGRAM
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
DESCRIPTION
The CAT25C32/64 is a 32K/64K-Bit SPI Serial CMOS
EEPROM internally organized as 4Kx8/8Kx8 bits.
Catalyst’s advanced CMOS Technology substantially
reduces device power requirements. The CAT25C32/
64 features a 64-byte page write buffer. The device
operates via the SPI bus serial interface and is enabled
though a Chip Select (
CS). In addition to the Chip Select,
the clock input (SCK), data in (SI) and data out (SO) are
required to access the device. The
HOLD pin may be
used to suspend any serial communication without
resetting the serial sequence. The CAT25C32/64 is
designed with software and hardware write protection
features including Block write protection. The device is
available in 8-pin DIP, 8-pin SOIC, 14-pin TSSOP and
20-pin TSSOP packages.
Doc No. 1001, Rev. G
DIP Package (P, L)
TSSOP Package (U20, Y20)
SOIC Package (S, V)
SENSE AMPS
SHIFT REGISTERS
SPI
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
I/O
CONTROL
E2PROM
ARRAY
COLUMN
DECODERS
XDEC
HIGH VOLTAGE/
TIMING CONTROL
SO
STATUS
REGISTER
BLOCK
PROTECT
LOGIC
DATA IN
STORAGE
SI
CS
WP
HOLD
SCK
SO
WP
CS
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
VSS
VSS
SO
WP
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
CS
TSSOP Package (U14, Y14)
CS
WP
HOLD
VCC
NC
NC
NC
NC
SO
NC
NC
VSS
SCK
SI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
NC
NC
CS
WP
HOLD
HOLD
VCC
NC
NC
NC
NC
NC
NC
SO
NC
NC
SO
VSS
SCK
SI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
PIN FUNCTIONS
Pin Name
Function
SO
Serial Data Output
SCK
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
CS
Chip Select
SI
Serial Data Input
HOLD
Suspends Serial Input
NC
No Connect
ALO
GEN FR
TM
LEAD FREE
(Not recommended for new design,
replace with CAT25320)


Similar Part No. - CAT25C32PSATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
32K/64K-Bit SPI Serial CMOS E2PROM
CAT25C32X CATALYST-CAT25C32X Datasheet
160Kb / 12P
Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
More results

Similar Description - CAT25C32PSATE13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
64K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
32K/64K-Bit SPI Serial CMOS E2PROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
32K/64K-Bit SPI Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
32K/64K-Bit I2C Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
64K-Bit SPI Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
32K/64K-Bit I2C Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com