Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F Datasheet(PDF) 30 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M29DW128F_06 Datasheet HTML 26Page - STMicroelectronics M29DW128F_06 Datasheet HTML 27Page - STMicroelectronics M29DW128F_06 Datasheet HTML 28Page - STMicroelectronics M29DW128F_06 Datasheet HTML 29Page - STMicroelectronics M29DW128F_06 Datasheet HTML 30Page - STMicroelectronics M29DW128F_06 Datasheet HTML 31Page - STMicroelectronics M29DW128F_06 Datasheet HTML 32Page - STMicroelectronics M29DW128F_06 Datasheet HTML 33Page - STMicroelectronics M29DW128F_06 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
Command interface
M29DW128F
30/94
6.1.6
Block Erase command
The Block Erase command can be used to erase a list of one or more blocks in one or more
Banks. It sets all of the bits in the unprotected selected blocks to ’1’. All previous data in the
selected blocks is lost.
Six Bus Write operations are required to select the first block in the list. Each additional
block in the list can be selected by repeating the sixth Bus Write operation using the address
of the additional block. The Block Erase operation starts the Program/Erase Controller after
a time-out period of 50µs after the last Bus Write operation. Once the Program/Erase
Controller starts it is not possible to select any more blocks. Each additional block must
therefore be selected within 50µs of the last block. The 50µs timer restarts when an
additional block is selected. After the sixth Bus Write operation a Bus Read operation within
the same Bank will output the Status Register. See the Status Register section for details on
how to identify if the Program/Erase Controller has started the Block Erase operation.
If any selected blocks are protected then these are ignored and all the other selected blocks
are erased. If all of the selected blocks are protected the Block Erase operation appears to
start but will terminate within about 100µs, leaving the data unchanged. No error condition is
given when protected blocks are ignored.
During the Block Erase operation the memory will ignore all commands except the Erase
Suspend command and the Read/Reset command which is only accepted during the 50µs
time-out period. Typical block erase times are given in Table 18.
After the Erase operation has started all Bus Read operations to the Banks being erased will
output the Status Register on the Data Inputs/Outputs. See the section on the Status
Register for more details.
After the Block Erase operation has completed the memory will return to the Read mode,
unless an error has occurred.
When an error occurs, Bus Read operations to the Banks where the command was issued
will continue to output the Status Register. A Read/Reset command must be issued to reset
the error condition and return to Read mode.
6.1.7
Erase Suspend command
The Erase Suspend command may be used to temporarily suspend a Block or multiple
Block Erase operation. One Bus Write operation specifying the Bank Address of one of the
Blocks being erased is required to issue the command. Issuing the Erase Suspend
command returns the whole device to Read mode.
The Program/Erase Controller will suspend within the Erase Suspend Latency time (see
Table 18 for value) of the Erase Suspend Command being issued. Once the Program/Erase
Controller has stopped the memory will be set to Read mode and the Erase will be
suspended. If the Erase Suspend command is issued during the period when the memory is
waiting for an additional block (before the Program/Erase Controller starts) then the Erase is
suspended immediately and will start immediately when the Erase Resume Command is
issued. It is not possible to select any further blocks to erase after the Erase Resume.
During Erase Suspend it is possible to Read and Program cells in blocks that are not being
erased; both Read and Program operations behave as normal on these blocks. If any
attempt is made to program in a protected block or in the suspended block then the Program
command is ignored and the data remains unchanged. The Status Register is not read and
no error condition is given. Reading from blocks that are being erased will output the Status
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com