Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F60NF6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # M29DW128F60NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M29DW128F60NF6 Datasheet HTML 31Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 32Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 33Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 34Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 35Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 36Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 37Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 38Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
M29DW128F
Command interface
35/94
6.2
Fast Program commands
The M29DW128F offers a set of Fast Program commands to improve the programming
throughput:
●
Write to Buffer and Program
●
Double and Quadruple Word, Program
●
Double, Quadruple and Octuple Byte Program
●
Unlock Bypass.
See either Table 14, or Table 13, depending on the configuration that is being used, for a
summary of the Fast Program commands.
When VPPH is applied to the VPP/Write Protect pin the memory automatically enters the Fast
Program mode. The user can then choose to issue any of the Fast Program commands.
Care must be taken because applying a VPPH to the VPP/WP pin will temporarily unprotect
any protected block.
Only one bank can be programmed at any one time. The other bank must be in Read mode
or Erase Suspend.
After programming has started, Bus Read operations in the Bank being programmed output
the Status Register content, while Bus Read operations to the other Bank output the
contents of the memory array. Fast program commands can be suspended and then
resumed by issuing a Program Suspend command and a Program Resume command,
respectively (see Section 6.1.9: Program Suspend command and Section 6.1.10: Program
Resume command paragraphs.)
After the fast program operation has completed, the memory will return to the Read mode,
unless an error has occurred. When an error occurs Bus Read operations to the Bank
where the command was issued will continue to output the Status Register. A Read/Reset
command must be issued to reset the error condition and return to Read mode. One of the
Erase Commands must be used to set all the bits in a block or in the whole memory from ’0’
to ’1’.
Typical Program times are given in Table 18: Program, Erase Times and Program, Erase
Endurance Cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com