Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3003E/2KG4 Datasheet(PDF) 28 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM3003E/2KG4
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003E/2KG4 Datasheet(HTML) 28 Page - Burr-Brown (TI)

Back Button PCM3003E/2KG4 Datasheet HTML 24Page - Burr-Brown (TI) PCM3003E/2KG4 Datasheet HTML 25Page - Burr-Brown (TI) PCM3003E/2KG4 Datasheet HTML 26Page - Burr-Brown (TI) PCM3003E/2KG4 Datasheet HTML 27Page - Burr-Brown (TI) PCM3003E/2KG4 Datasheet HTML 28Page - Burr-Brown (TI) PCM3003E/2KG4 Datasheet HTML 29Page - Burr-Brown (TI) PCM3003E/2KG4 Datasheet HTML 30Page - Burr-Brown (TI) PCM3003E/2KG4 Datasheet HTML 31Page - Burr-Brown (TI) PCM3003E/2KG4 Datasheet HTML 32Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
www.ti.com
PROGRAM REGISTER 1
PROGRAM REGISTER 2
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
A[1:0]
Bits 10, 9: Register address
These bits define the address for register 0:
A1
A0
REGISTER
0
0
Register 0
LDL
Bit 8: DAC attenuation data load control for left channel
This bit is used to set analog outputs of the left and right channels simultaneously. The output level
is controlled by AL[7:0] attenuation data when this bit is set to 1. When set to 0, the new attenuation
data is ignored, and the output level remains at the previous attenuation level. The LDR bit in
register 1 has the equivalent function as LDL. When either LDL or LDR is set to 1, the output levels
of the left and right channels are controlled simultaneously.
AL (7:0)
Bits 7–0: DAC attenuation data for left channel
AL7 and AL0 are the MSB and LSB, respectively. The attenuation level (ATT) is given by:
ATT = 20
× log
10 (AL[7:0]/256) [dB], except AL[7:0] = FFh
AL[7:0]
ATTENUATION LEVEL
00h
–
∞dB (mute)
01h
–48.16 dB
:
:
FEh
–0.07 dB
FFh
0 dB (default)
res:
Bits 15–11: Reserved
These bits are reserved and should be set to 0.
A[1:0]
Bits 10, 9: Register address
These bits define the address for register 1:
A1
A0
REGISTER
0
1
Register 1
LDR
Bit 8: DAC attenuation data load control for right channel
This bit is used to set analog outputs of the left and right channels simultaneously. The output level
is controlled by AR[7:0] attenuation data when this bit is set to 1. When set to 0, the new
attenuation data is ignored, and the output level remains at the previous attenuation level. The LDL
bit in register 0 has the equivalent function as LDR. When either LDL or LDR is set to 1, the output
levels of the left and right channels are controlled simultaneously.
AR[7:0]
Bits 7–0: DAC attenuation data for right channel
AR7 and AR0 are the MSB and LSB, respectively.
ATT = 20
× log
10 (AR[7:0]/256) [dB], except AR[7:0] = FFh
AR[7:0]
ATTENUATION LEVEL
00h
–
∞dB (mute)
01h
–48.16 dB
:
:
FEh
–0.07 dB
FFh
0 dB (default)
res:
Bits 15–11: Reserved
These bits are reserved and should be set to 0.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com