Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6F Datasheet(PDF) 76 Page - STMicroelectronics

Part # M29DW128F70NF6F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6F Datasheet(HTML) 76 Page - STMicroelectronics

Back Button M29DW128F70NF6F Datasheet HTML 72Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 73Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 74Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 75Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 76Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 77Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 78Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 79Page - STMicroelectronics M29DW128F70NF6F Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
Block addresses and Read/Modify Protection Groups
M29DW128F
76/94
219
64/32
Protection Group
D40000h–D4FFFFh
6A0000h–6A7FFFh
220
64/32
D50000h–D5FFFFh
6A8000h–6AFFFFh
221
64/32
D60000h–D6FFFFh
6B0000h–6B7FFFh
222
64/32
D70000h-D7FFFFh
6B8000h–6BFFFFh
223
64/32
Protection Group
D80000h-D8FFFFh
6C0000h–6C7FFFh
224
64/32
D90000h-D9FFFFh
6C8000h–6CFFFFh
225
64/32
DA0000h-DAFFFFh
6D0000h–6D7FFFh
226
64/32
DB0000h-DBFFFFh
6D8000h–6DFFFFh
227
64/32
Protection Group
DC0000h-DCFFFFh
6E0000h–6E7FFFh
228
64/32
DD0000h-DDFFFFh
6E8000h–6EFFFFh
229
64/32
DE0000h-DEFFFFh
6F0000h–6F7FFFh
230
64/32
DF0000h-DFFFFFh
6F8000h-6FFFFFh
231
64/32
Protection Group
E00000h-E0FFFFh
700000h–707FFFh
232
64/32
E10000h-E1FFFFh
708000h–70FFFFh
233
64/32
E20000h-E2FFFFh
710000h–717FFFh
234
64/32
E30000h-E3FFFFh
718000h–71FFFFh
235
64/32
Protection Group
E40000h-E4FFFFh
720000h–727FFFh
236
64/32
E50000h-E5FFFFh
728000h–72FFFFh
237
64/32
E60000h-E6FFFFh
730000h–737FFFh
238
64/32
E70000h-E7FFFFh
738000h–73FFFFh
239
64/32
Protection Group
E80000h-E8FFFFh
740000h–747FFFh
240
64/32
E90000h-E9FFFFh
748000h–74FFFFh
241
64/32
EA0000h-EAFFFFh
750000h–757FFFh
242
64/32
EB0000h-EBFFFFh
758000h–75FFFFh
243
64/32
Protection Group
EC0000h-ECFFFFh
760000h–767FFFh
244
64/32
ED0000h-EDFFFFh
768000h–76FFFFh
245
64/32
EE0000h-EEFFFFh
770000h–777FFFh
246
64/32
EF0000h-EFFFFFh
778000h–77FFFFh
247
64/32
Protection Group
F00000h-F0FFFFh
780000h–787FFFh
248
64/32
F10000h-F1FFFFh
788000h–78FFFFh
249
64/32
F20000h-F2FFFFh
790000h–797FFFh
250
64/32
F30000h-F3FFFFh
798000h–79FFFFh
Table 34.
Block Addresses and Protection Groups (continued)
Bank
Block
Size
(kbytes/KWords)
Protection Block
Group
(x8)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com