Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5CEBA2F13C7ES Datasheet(PDF) 16 Page - Intel Corporation

Part # 5CEBA2F13C7ES
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F13C7ES Datasheet(HTML) 16 Page - Intel Corporation

Back Button 5CEBA2F13C7ES Datasheet HTML 12Page - Intel Corporation 5CEBA2F13C7ES Datasheet HTML 13Page - Intel Corporation 5CEBA2F13C7ES Datasheet HTML 14Page - Intel Corporation 5CEBA2F13C7ES Datasheet HTML 15Page - Intel Corporation 5CEBA2F13C7ES Datasheet HTML 16Page - Intel Corporation 5CEBA2F13C7ES Datasheet HTML 17Page - Intel Corporation 5CEBA2F13C7ES Datasheet HTML 18Page - Intel Corporation 5CEBA2F13C7ES Datasheet HTML 19Page - Intel Corporation 5CEBA2F13C7ES Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Related Information
Product Selector Guide
Provides the latest information about Intel products.
Available Options
Figure 6.
Sample Ordering Code and Available Options for Cyclone V ST Devices
Family Signature
Embedded Hard IPs
Transceiver Count
Transceiver
Speed Grade
Package Type
Package Code
Operating Temperature
FPGA Fabric
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
ST : SoC with 6.144-Gbps transceivers
F : 2 hard PCIe controllers
and 1 hard memory controller
5C : Cyclone V
D5 : 85K logic elements
D6 : 110K logic elements
D : 9
5 : 6.144 Gbps
F : FineLine BGA (FBGA)
31 : 896 pins
I : Industrial (TJ= -40° C to 100° C)
7
N : Lead-free packaging
Contact Intel for availability
of leaded options
ES : Engineering sample
5C
ST
F
D6
D
5 F
31
C
6 N
Member Code
Family Variant
Maximum Resources
Table 14.
Maximum Resource Counts for Cyclone V ST Devices
Resource
Member Code
D5
D6
Logic Elements (LE) (K)
85
110
ALM
32,070
41,910
Register
128,300
166,036
Memory (Kb)
M10K
3,970
5,570
MLAB
480
621
Variable-precision DSP Block
87
112
18 x 18 Multiplier
174
224
FPGA PLL
6
6
HPS PLL
3
3
6.144 Gbps Transceiver
9
9
FPGA GPIO(10)
288
288
HPS I/O
181
181
LVDS
Transmitter
72
72
continued...
(10) The number of GPIOs does not include transceiver I/Os. In the Intel Quartus Prime software,
the number of user I/Os includes transceiver I/Os.
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com