Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS673 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS673 Datasheet HTML 2Page - Allegro MicroSystems ATS673 Datasheet HTML 3Page - Allegro MicroSystems ATS673 Datasheet HTML 4Page - Allegro MicroSystems ATS673 Datasheet HTML 5Page - Allegro MicroSystems ATS673 Datasheet HTML 6Page - Allegro MicroSystems ATS673 Datasheet HTML 7Page - Allegro MicroSystems ATS673 Datasheet HTML 8Page - Allegro MicroSystems ATS673 Datasheet HTML 9Page - Allegro MicroSystems ATS673 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Self-Calibrating TPOS Gear Tooth Sensor Optimized
for Automotive Cam Sensing Applications
ATS673 and
ATS674
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
REFERENCE TARGET 8X
Characteristic
Symbol
Test Conditions
Typ.
Units
Symbol Key
Outside Diameter
Do
Outside diameter of target
120
mm
tV
Ø
DO
ht
F
Branded Face
of Sensor
Air Gap
Face Width
F
Breadth of tooth, with respect
to sensor
6mm
Circular Tooth Length
t
Length of tooth, with respect
to sensor; measured at Do
23.6
mm
Circular Valley Length
tv
Length of valley, with respect
to sensor; measured at Do
23.6
mm
Tooth Whole Depth
ht
5mm
Material
CRS 1018
–
–
Reference Target 8X
of Sensor
Branded Face
Reference Target (Gear) Information
Target/Gear Parameters for Correct TPOS Operation
For TPOS to function as specified, the target must generate a
minimum of 120 G difference between the magnetic field over
a tooth and the field over a valley, at the maximum installation
air gap. A target complying with the material and dimensions
cited for the reference target 8X, generates the required 120 G
differential.
The following recommendations should be followed in the
design and specification of targets:
• Tooth width, t ≥ 5 mm
• Valley width, tv > 13 mm
• Valley depth, ht > 5 mm
• Tooth thickness, F ≥ 5 mm
Figure 1. Configuration with Reference Target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com