| Electronic Components Datasheet Search |
|
ATS673LSETN-HT-T Datasheet(PDF) 13 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS673LSETN-HT-T Datasheet(HTML) 13 Page - Allegro MicroSystems |
|
13 / 19 page ![]() Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications ATS673 and ATS674 13 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com Pk4 Pk5 Pk7 Pk9 Pk2 Pk3 Pk1 Pk6 Pk8 BRP1 BOP1 BRP2 BRP3 BOP3 BRP4 BOP4 B HYS B HYS B HYS B HYS t+ V+ B HYS B HYS B HYS BOP2 B HYS (A) TEAG varying; cases such as eccentric mount, out-of-round region, normal operation position shift (B) Internal analog signal, VPROC, typically resulting in the sensor 0 360 Target Rotation (°) Hysteresis Band (Delimited by switchpoints) V+ Larger TEAG Smaller TEAG Sensor Target Larger TEAG Target Sensor Smaller TEAG Smaller TEAG Figure 9. The Continuous Update algorithm allows the Allegro sensor to immediately interpret and adapt to significant variances in the magnetic field generated by the target as a result of eccentric mounting of the target, out-of-round target shape, elevation due to lubricant build-up in journal gears, and similar dynamic application problems that affect the TEAG (Total Effective Air Gap). The algorithm is used to dynamically establish and subsequently update the device switchpoints (BOP and BRP). The hysteresis, BHYS(#x), at each target feature configuration results from this recalibration, ensuring that it remains properly proportioned and centered within the peak-to-peak range of the internal analog signal, VPROC. As shown in panel A, the variance in the target position results in a change in the TEAG. This affects the sensor as a varying magnetic field, which results in proportional changes in the internal analog signal, VPROC, shown in panel B. The Continuous Update algorithm is used to establish accurate switchpoints based on the fluctuation of VPROC, as shown in panel C. (C) Referencing the internal analog signal, VPROC, to continuously update device response Switchpoint Determinant Peak Values BOP1 Pk1, Pk2 BRP1 Pk2, Pk3 BOP2 Pk3, Pk4 BRP2 Pk4, Pk5 BOP3 Pk5, Pk6 BRP3 Pk6, Pk7 BOP4 Pk7, Pk8 BRP4 Pk8, Pk9 Update The ATS673 and ATS674 incorporate an algorithm that continu- ously monitors the system and updates the switching thresholds accordingly. The switchpoint for each transition is determined by the previous two transitions. Because variations are tracked in real time, the sensor has high immunity to target run-out and retains excellent accuracy and functionality in the presence of both run-out and transient mechanical events. Figure 9 shows how the devices use historical data to provide the switching thresholds for a given edge. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |