Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMSD103T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMSD103T1
Description  High Voltage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSD103T1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMSD103T1 Datasheet HTML 1Page - ON Semiconductor MMSD103T1 Datasheet HTML 2Page - ON Semiconductor MMSD103T1 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMSD103T1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 200 Vdc)
(VR = 200 Vdc, TJ = 150°C)
IR
−
−
1.0
100
mAdc
Reverse Breakdown Voltage
(IBR = 100 mAdc)
V(BR)
250
−
Vdc
Forward Voltage
(IF = 100 mAdc)
(IF = 200 mAdc)
VF
−
−
1000
1250
mV
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
−
5.0
pF
Reverse Recovery Time
(IF = IR = 30 mAdc, RL = 100 W)
trr
−
50
ns
Notes: 1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 30 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 30 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820 W
0.1 mF
D.U.T.
VR
100 mH
0.1 mF
50 W OUTPUT
PULSE
GENERATOR
50 W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 3.0 mA
OUTPUT PULSE
(IF = IR = 30 mA; MEASURED
at iR(REC) = 3.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
Figure 2. Forward Voltage
Figure 3. Reverse Leakage
3500
FORWARD CURRENT (mA)
2500
1500
500
0
0.2
0.5
2
1
3000
2000
1000
5
10
20
50 100
200
0.1
7000
REVERSE VOLTAGE (V)
5000
3000
5
0
2
1
6000
4000
6
5
10
20
50
100
200
1
2
3
4
TA = 150°C
TA = −55°C
TA = 25°C
300
TA = 150°C
TA = 25°C
TA = −55°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com