Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIM800H Datasheet(PDF) 33 Page - SIMCom

Part # SIM800H
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H Datasheet(HTML) 33 Page - SIMCom

Back Button SIM800H Datasheet HTML 29Page - SIMCom SIM800H Datasheet HTML 30Page - SIMCom SIM800H Datasheet HTML 31Page - SIMCom SIM800H Datasheet HTML 32Page - SIMCom SIM800H Datasheet HTML 33Page - SIMCom SIM800H Datasheet HTML 34Page - SIMCom SIM800H Datasheet HTML 35Page - SIMCom SIM800H Datasheet HTML 36Page - SIMCom SIM800H Datasheet HTML 37Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
Smart Machine Smart Decision
4.5.4
Software Upgrade
Customer could upgrade module’s firmware through USB or UART interface.
If upgrading through USB interface, it is necessary to power on SIM800H&SIM800L first, then connect VBUS,
USB_DP, USB_DN, and GND to PC. There is no need to operate PWRKEY pin in the whole procedure, when
SIM800H&SIM800L detects VBUS and could communicate normally with USB_DP and USB_DN, it will enter
USB download mode automatically.
Note: When only USB_DP and USB_DN are connected, no VBUS, customers need to pull down KBC0 (pin20) before power on
the module, then press the PWRKEY button, the module will enter download mode.
If customer upgrades the software through UART interface, it is strongly recommended to lead the UART1_TXD,
UART1_RXD, GND and PWRKEY pin to IO connector for the upgrading, and PWRKEY pin should connect to
GND while upgrading. Refer to the following figure for debugging and upgrading software.
Figure 26: Connection for software upgrading and debugging
The UART interface supports the CMOS level. If customer connects the module to the computer, the level shifter
should be added between the DCE and DTE.
SIM800H&SIM800L_Hardware Design_V2.02
33
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com