Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN56060 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SN56060
Description  4-Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN56060 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SN56060 Datasheet HTML 3Page - SONiX Technology Company SN56060 Datasheet HTML 4Page - SONiX Technology Company SN56060 Datasheet HTML 5Page - SONiX Technology Company SN56060 Datasheet HTML 6Page - SONiX Technology Company SN56060 Datasheet HTML 7Page - SONiX Technology Company SN56060 Datasheet HTML 8Page - SONiX Technology Company SN56060 Datasheet HTML 9Page - SONiX Technology Company SN56060 Datasheet HTML 10Page - SONiX Technology Company SN56060 Datasheet HTML 11Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN56060
4-Channel Speech Controller
5.10. Watch Dog
This is a new function for SN56000 series. The WDT is cascade after system timer.
When user reset system timer will issue a clear signal to WDT also. It would issue a
reset signal to chip if user doesn’t reset any system timer before it reach terminate
count (1 Second) when chip is in active mode.
5.11. I/O Ports
P1/P2/P3/P6 are four 4-bit I/O ports. Any bit of P1/P2/P3/P6 can be programmed to
be input or output individually. Any valid data transition (H
L or L H) of P1, P2, P3
and P6 can reactivate the chip when it is in power-down stage.
Port Data
Port Status
To Internal Data Bus
Read Control
PAD
Weak
Pull Low enable
I/O Port Configuration (P10~P13, P20~P23, P30~P33, P60~P63)
Note: All weak N-MOS’s can serve as pull-low resistors.
5.12. Pull-Low Resister Control
This function provides user to control Pull-Low register of all I/O ports that can be
disabled by user command. With the help of this function, input floating and input pull
low is supported.
5.13. IR Function
P33 can be modulated with 38.5KHz square wave before sent out to P33 pin.
The IR signal can be achieved by this modulated signal.
Ver: 1.0
March 2,2005
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com