Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M50FW040NB5TG Datasheet(PDF) 32 Page - STMicroelectronics

Part # M50FW040NB5TG
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040NB5TG Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M50FW040NB5TG Datasheet HTML 28Page - STMicroelectronics M50FW040NB5TG Datasheet HTML 29Page - STMicroelectronics M50FW040NB5TG Datasheet HTML 30Page - STMicroelectronics M50FW040NB5TG Datasheet HTML 31Page - STMicroelectronics M50FW040NB5TG Datasheet HTML 32Page - STMicroelectronics M50FW040NB5TG Datasheet HTML 33Page - STMicroelectronics M50FW040NB5TG Datasheet HTML 34Page - STMicroelectronics M50FW040NB5TG Datasheet HTML 35Page - STMicroelectronics M50FW040NB5TG Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Firmware hub (FWH) interface Configuration Registers
M50FW040
32/53
6.7
Device Code Register
Reading the Device Code Register returns the device code for the memory, 2Ch. This
register is read-only and writing to it has no effect.
Table 9.
Firmware hub Configuration Register map
Mnemonic
Register Name
Memory
Address
Default
Value
Access
T_BLOCK_LK
Top Block Lock Register (Block 7)
FBF0002h
01h
R/W
T_MINUS01_LK
Top Block [-1] Lock Register (Block 6)
FBE0002h
01h
R/W
T_MINUS02_LK
Top Block [-2] Lock Register (Block 5)
FBD0002h
01h
R/W
T_MINUS03_LK
Top Block [-3] Lock Register (Block 4)
FBC0002h
01h
R/W
T_MINUS04_LK
Top Block [-4] Lock Register (Block 3)
FBB0002h
01h
R/W
T_MINUS05_LK
Top Block [-5] Lock Register (Block 2)
FBA0002h
01h
R/W
T_MINUS06_LK
Top Block [-6] Lock Register (Block 1)
FB90002h
01h
R/W
T_MINUS07_LK
Top Block [-7] Lock Register (Block 0)
FB80002h
01h
R/W
FGPI_REG
Firmware Hub (FWH) General Purpose Input
Register
FBC0100h
N/A
R
MANUF_REG
Manufacturer Code Register
FBC0000h
20h
R
DEV_REG
Device Code Register
FBC0001h
2Ch
R
Table 10.
Lock Register bit definitions(1)
1.
Applies to Top Block Lock Register (T_BLOCK_LK) and Top Block [-1] Lock Register (T_MINUS01_LK) to
Top Block [-7] Lock Register (T_MINUS07_LK).
Bit
Bit name
Value
Function
7-3
Reserved
2
Read-
Lock
‘1’
Bus Read operations in this Block always return 00h.
‘0’
Bus read operations in this Block return the Memory Array contents.
(Default value).
1
Lock-
Down
‘1’
Changes to the Read-Lock bit and the Write-Lock bit cannot be
performed. Once a ‘1’ is written to the Lock-Down bit it cannot be cleared
to ‘0’; the bit is always reset to ‘0’ following a Reset (using RP or INIT) or
after power-up.
‘0’
Read-Lock and Write-Lock can be changed by writing new values to
them. (Default value).
0
Write-
Lock
‘1’
Program and Erase operations in this Block will set an error in the Status
Register. The memory contents will not be changed. (Default value).
‘0’
Program and Erase operations in this Block are executed and will modify
the Block contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com