Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PKB4313D Datasheet(PDF) 28 Page - Flex Power Modules. FLEX LTD.

Part # PKB4313D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4313D Datasheet(HTML) 28 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4313D Datasheet HTML 20Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 21Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 22Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 23Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 24Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 25Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 26Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 27Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 28Page - Flex Power Modules. FLEX LTD.  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Product Qualification Specification
Characteristics
External visual inspection
IPC-A-610
Change of temperature
(Temperature cycling)
IEC 60068-2-14 Na
Temperature range
Number of cycles
Dwell/transfer time
-40 to 100°C
1000
15 min/0-1 min
Cold (in operation)
IEC 60068-2-1 Ad
Temperature TA
Duration
-45°C
72 h
Damp heat
IEC 60068-2-67 Cy
Temperature
Humidity
Duration
85°C
85 % RH
1000 hours
Dry heat
IEC 60068-2-2 Bd
Temperature
Duration
125°C
1000 h
Electrostatic discharge
susceptibility
IEC 61340-3-1, JESD 22-A114
IEC 61340-3-2, JESD 22-A115
Human body model (HBM)
Machine Model (MM)
Class 2, 2000 V
Class 3, 200 V
Immersion in cleaning solvents
IEC 60068-2-45 XA, method 2
Water
Glycol ether
Isopropyl alcohol
55°C
35°C
35°C
Mechanical shock
IEC 60068-2-27 Ea
Peak acceleration
Duration
100 g
6 ms
Moisture reflow sensitivity 1
J-STD-020C
Level 1 (SnPb-eutectic)
Level 3 (Pb Free)
225°C
260°C
Operational life test
MIL-STD-202G, method 108A
Duration
1000 h
Resistance to soldering heat 2
IEC 60068-2-20 Tb, method 1A
Solder temperature
Duration
270°C
10-13 s
Robustness of terminations
IEC 60068-2-21 Test Ua1
IEC 60068-2-21 Test Ue1
Through hole mount products
Surface mount products
All leads
All leads
Solderability
IEC 60068-2-58 test Td 1
IEC 60068-2-20 test Ta 2
Preconditioning
Temperature, SnPb Eutectic
Temperature, Pb-free
Preconditioning
Temperature, SnPb Eutectic
Temperature, Pb-free
150°C dry bake 16 h
215°C
235°C
Steam ageing
235°C
245°C
Vibration, broad band random
IEC 60068-2-64 Fh, method 1
Frequency
Spectral density
Duration
10 to 500 Hz
0.07 g2/Hz
10 min in each direction
Notes
1 Only for products intended for reflow soldering (surface mount products)
2 Only for products intended for wave soldering (plated through hole products)
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com