Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4MSD5V9546ALEX Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI4MSD5V9546ALEX
Description  4 Channel I2C bus Switch with Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI4MSD5V9546ALEX Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI4MSD5V9546ALEX Datasheet HTML 6Page - Diodes Incorporated PI4MSD5V9546ALEX Datasheet HTML 7Page - Diodes Incorporated PI4MSD5V9546ALEX Datasheet HTML 8Page - Diodes Incorporated PI4MSD5V9546ALEX Datasheet HTML 9Page - Diodes Incorporated PI4MSD5V9546ALEX Datasheet HTML 10Page - Diodes Incorporated PI4MSD5V9546ALEX Datasheet HTML 11Page - Diodes Incorporated PI4MSD5V9546ALEX Datasheet HTML 12Page - Diodes Incorporated PI4MSD5V9546ALEX Datasheet HTML 13Page - Diodes Incorporated PI4MSD5V9546ALEX Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PI4MSD5V9546A
www.diodes.com
May 2023
Document Number DS45857 Rev 1-2
13
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
PI4MSD5V9546A
16-TQFN (ZY)
For latest package info.
Ordering Information
Part Number
Package Code
Package Description
PI4MSD5V9546ALEX
L
16-Pin,173mil Wide (TSSOP)
PI4MSD5V9546AZYEX
ZY
16-Pin, 4x4 (TQFN)
Notes:
1.
No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2.
See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3.
Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4.
E = Pb-free and Green
5.
X suffix = Tape/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com