| Electronic Components Datasheet Search |
|
CST0612-FC-R0005-E Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CST0612-FC-R0005-E Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 5 page ![]() 3312 - 2 mm SMD Trimming Potentiometer Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. Model CST0612 Current Sense Resistor Reliability Tests Test Item Reference Standard Test Conditions Test Limits Temperature Coefficient of Resistance IEC 60115-1-4.8 JIS-C5201-4.8 +25 °C ~ +125 °C Refer 4.0 Load Life IEC 60115-1-4.25.1 JIS-C5201-4.25.1 1000 hours at rated power, 70 °C, 1.5 hours “ON”, 0.5 hours “OFF” < ±2 % Short Time Overload IEC 60115-1-4.13 JIS-C5201-4.13 5 times rated power for 10 seconds < ±0.5 % Moisture No Load IEC60115-1-4.24.2.1a JIS-C5201-4.24.2.1a 85 °C, 85 %RH, 1000 hours < ±0.5 % Temperature Cycle IEC60115-1-4.19 JIS-C5201-4.19 -55 °C and +155 °C, 300 cycles, 15 minutes per extreme condition < ±0.5 % Resistance to Soldering Heat IEC60115-1-4.18 JIS-C5201-4.18 260 ° ±5 °C for 10 ±1 seconds, 2 cycles < ±0.5 % Solderability IEC60115-1-4.17 JIS-C5201-4.17 245 ±5 °C, 2 ±0.5 seconds At least 95 % of surface area of electrode shall be covered with new solder High Temperature Exposure IEC60115-1-4.23.2 JIS-C5201-4.23.2 170 °C, 1000 hours < ±2 % Low Temperature Storage IEC60115-1-4.23.4 JIS-C5201-4.23.4 -55 °C, 1000 hours < ±0.5 % Substrate Bending IEC60115-1-4.33 JIS-C5201-4.33 2 mm bending width < ±0.5 % Insulation Resistance IEC60115-1-4.6 JIS-C5201-4.6 100 V DC for 1 minute > 100 megohms Product Dimensions DIMENSIONS: MM (INCHES) 3.05 ± 0.25 (.120 ± .010) 1.65 ± 0.20 (.065 ± .008) 0.40 ± 0.25 (.016 ± .010) 0.51 ± 0.13 (.020 ± .005) 0.51 ± 0.13 (.020 ± .005) 0.65 ± 0.20 (.026 ± .008) 1.0 (.039) 0.7 (.028) 0.40 (.016) 0.80 (.031) 2.3 (.091) Recommended Solder Pad Layout 3.05 ± 0.25 (.120 ± .010) 1.65 ± 0.20 (.065 ± .008) 0.40 ± 0.25 (.016 ± .010) 0.51 ± 0.13 (.020 ± .005) 0.51 ± 0.13 (.020 ± .005) 0.65 ± 0.20 (.026 ± .008) 1.0 (.039) 0.7 (.028) 0.40 (.016) 0.80 (.031) 2.3 (.091) Copper foil min. thickness of PCB: 3 oz. How to Order CST 0612 - F C - R001 E Model (CST = Current Sense Terminal Type) Size 0612 Resistance Tolerance F = ±1 % TCR (See Electrical Characteristics chart) X = ±100 PPM/°C C = ±200 PPM/°C Resistance Code See Popular Resistance Table Packaging Code (NOTE 2) E = Embossed Tape (4,000 pcs. per 7 ” reel) (NOTE 2) Part Number CST0612-FC-R0005-E requires a hyphen before the Packaging Code. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |