Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CST0612-FC-R00075E Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CST0612-FC-R00075E
Description  Model CST0612 Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CST0612-FC-R00075E Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CST0612-FC-R00075E Datasheet HTML 1Page - Bourns Electronic Solutions CST0612-FC-R00075E Datasheet HTML 2Page - Bourns Electronic Solutions CST0612-FC-R00075E Datasheet HTML 3Page - Bourns Electronic Solutions CST0612-FC-R00075E Datasheet HTML 4Page - Bourns Electronic Solutions CST0612-FC-R00075E Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Derating Curve
100
80
60
40
20
0
-55
0
70
170
Ambient Temperature (°C)
3.60 ± 0.20
(0.142 ± 0.008)
2.0 ± 0.05
(0.079 ± 0.002)
4.00 ± 0.05
(0.157 ± 0.002)
4.00 ± 0.10
(0.157 ± 0.004)
DIA.
1.50 +0.10/-0
(0.059 +0.004/-0)
1.5
(0.059)
DIA. MIN.
3.40 ± 0.10
(0.134 ± 0.004)
5 °
0.22 ± 0.05
(0.008 ± 0.002)
1.04 ± 0.10
(0.041 ± 0.004)
1.77 ± 0.10
(0.070 ± 0.004)
8 °
6.9 ± 0.2
(0.272 ± 0.008)
3.50 ± 0.05
(0.138 ± 0.002)
1.75 ± 0.10
(0.069 ± 0.004)
8.00 ± 0.10
(0.315 ± 0.004)
USER DIRECTION OF FEED
60.0 ± 1.0
(2.362 ± 0.039)
MIN.
DIA.
DIA.
178 ± 2.0
(7.008 ± 0.079)
13.0 ± 1.0
(0.512 ± 0.039)
DIA.
9.0 ± 1.0
(0.354 ± 0.039)
11.5 ± 1.0
(0.453 ± 0.039)
Model CST0612 Current Sense Resistor
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
REV. 06/21
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
4,000 PIECES PER REEL
3.60 ± 0.20
(0.142 ± 0.008)
2.0 ± 0.05
(0.079 ± 0.002)
4.00 ± 0.05
(0.157 ± 0.002)
4.00 ± 0.10
(0.157 ± 0.004)
DIA.
1.50 +0.10/-0
(0.059 +0.004/-0)
1.5
(0.059)
DIA. MIN.
3.40 ± 0.10
(0.134 ± 0.004)
5 °
0.22 ± 0.05
(0.008 ± 0.002)
1.04 ± 0.10
(0.041 ± 0.004)
1.77 ± 0.10
(0.070 ± 0.004)
8 °
6.9 ± 0.2
(0.272 ± 0.008)
3.50 ± 0.05
(0.138 ± 0.002)
1.75 ± 0.10
(0.069 ± 0.004)
8.00 ± 0.10
(0.315 ± 0.004)
USER DIRECTION OF FEED
60.0 ± 1.0
(2.362 ± 0.039)
MIN.
DIA.
DIA.
178 ± 2.0
(7.008 ± 0.079)
13.0 ± 1.0
(0.512 ± 0.039)
DIA.
9.0 ± 1.0
(0.354 ± 0.039)
11.5 ± 1.0
(0.453 ± 0.039)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com