Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC8541XMV-02 Datasheet(PDF) 92 Page - Microchip Technology

Part # VSC8541XMV-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-02 Datasheet(HTML) 92 Page - Microchip Technology

Back Button VSC8541XMV-02 Datasheet HTML 88Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 89Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 90Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 91Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 92Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 93Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 94Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 95Page - Microchip Technology VSC8541XMV-02 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 101 page
background image
Pin Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
83
R/GMII
COL
18
I/O, PD VDDMAC
GMII/MII collision output. The logic state on
this pin is latched on the rising edge of
NRESET to configure the device. See
"Hardware Mode Strapping and PHY
Addressing" for details.
R/GMII
CRS
19
I/O, PD VDDMAC
GMII/MII carrier sense output. The logic
state on this pin is latched on the rising
edge of NRESET to configure the device.
See "Hardware Mode Strapping and PHY
Addressing" for details.
R/GMII
GTX_CLK
37
I, PD
VDDMAC
GMII/RGMII transmit clock input
R/GMII
MII_TXCLK
36
I/O, PD VDDMAC
MII transmit clock output. The logic state
on this pin is latched on the rising edge of
NRESET to configure the device. See
"Hardware Mode Strapping and PHY
Addressing" for details.
R/GMII
RX_CLK
32
I/O, PD VDDMAC
GMII/MII receive clock output. The logic
state on this pin is latched on the rising
edge of NRESET to configure the device.
See "Hardware Mode Strapping and PHY
Addressing" for details.
R/GMII
RX_DV/RX_CTL
30
I/O, PD VDDMAC
GMII/MII receive data valid output/RGMII
receive control output. The logic state on
this pin is latched on the rising edge of
NRESET to configure the device. See
"Hardware Mode Strapping and PHY
Addressing" for details.
R/GMII
RX_ER
31
I/O, PD VDDMAC
GMII/MII receive data error output. The
logic state on this pin is latched on the
rising edge of NRESET to configure the
device. See "Hardware Mode Strapping
and PHY Addressing" for details.
R/GMII
RXD0
29
I/O, PD VDDMAC
GMII/MII/RGMII data output. The logic
state on this pin is latched on the rising
edge of NRESET to configure the device.
See "Hardware Mode Strapping and PHY
Addressing" for details.
R/GMII
RXD1
27
I/O, PD VDDMAC
GMII/MII/RGMII data output. The logic
state on this pin is latched on the rising
edge of NRESET to configure the device.
See "Hardware Mode Strapping and PHY
Addressing" for details.
R/GMII
RXD2
26
I/O, PD VDDMAC
GMII/MII/RGMII data output. The logic
state on this pin is latched on the rising
edge of NRESET to configure the device.
See "Hardware Mode Strapping and PHY
Addressing" for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com