Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB5807CT-I/KD Datasheet(PDF) 43 Page - Microchip Technology

Part # USB5807CT-I/KD
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807CT-I/KD Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB5807CT-I/KD Datasheet HTML 39Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 40Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 41Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 42Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 43Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 44Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 45Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 46Page - Microchip Technology USB5807CT-I/KD Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003182B-page 43
USB5807C
Note 4: XTALI can optionally be driven from a 25 MHz singled-ended clock oscillator.
Note 5: Refer to the USB 3.2 Gen 1 Specification for USB DC electrical characteristics.
10.6 AC Specifications
This section details the various AC timing specifications of the device.
10.6.1
POWER SUPPLY AND RESET_N SEQUENCE TIMING
Figure 10-2 illustrates the recommended power supply sequencing and timing for the device.
VDD33 should rise after
or at the same rate as
VDD12. Similarly, RESET_N and/or VBUS_DET should rise after or at the same rate as VDD33.
VBUS_DET and RESET_N do not have any other timing dependencies.
O12 Type Output Buffer
Low Output Level
High Output Level
VOL
VOH
VDD33-0.4
0.4
V
V
IOL = 12 mA
IOH = -12 mA
OD12 Type Output Buffer
Low Output Level
VOL
0.4
V
IOL = 12 mA
ICLK Type Input Buffer
(XTALI Input)
Low Input Level
High Input Level
VIL
VIH
0.85
0.50
VDD33
V
V
Note 4
IO-U Type Buffer
(See Note 5)
Note 5
FIGURE 10-2:
POWER SUPPLY AND RESET_N SEQUENCE TIMING
TABLE 10-5: POWER SUPPLY AND RESET_N SEQUENCE TIMING
Symbol
Description
Min
Typ
Max
Units
tVDD33
VDD12 to VDD33 rise time
0
ms
treset
VDD33 to RESET_N/VBUS_DET rise time
0
ms
TABLE 10-4: I/O DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Min
Typical
Max
Units
Notes
VDD12
tVDD33
VDD33
RESET_N/
VBUS_DET
treset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com