Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3852A-282-503C Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3852A-282-503C
Description  3851/3852/3856 – 3/4 ˝ Diameter Panel Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3852A-282-503C Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3852A-282-503C Datasheet HTML 1Page - Bourns Electronic Solutions 3852A-282-503C Datasheet HTML 2Page - Bourns Electronic Solutions 3852A-282-503C Datasheet HTML 3Page - Bourns Electronic Solutions 3852A-282-503C Datasheet HTML 4Page - Bourns Electronic Solutions 3852A-282-503C Datasheet HTML 5Page - Bourns Electronic Solutions 3852A-282-503C Datasheet HTML 6Page - Bourns Electronic Solutions 3852A-282-503C Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3851/3852/3856 – 3/4 ˝ Diameter Panel Control
Mechanical Characteristics1
Stop Strength
3851 & 3852..................................................................................................................................................................56.5 N-cm (5 lb.-in.)
3856.....................................................................................................................................................................................Continuous turn
Mechanical Angle............................................................................................................................................ 280 ° ±5 ° / 3856 – 1350 ° ±50 °
Torque (Starting and Running)..................................................................................... A & B bushings 0.35 to 4.23 N-cm (0.05 to 6.0 oz.-in.)
C & E bushings 0.21 to 4.23 N-cm (0.3 to 6.0 oz.-in.)
3856 – 0.11 to 2.12 N-cm (0.15 to 3.0 oz.-in.)
Mounting (Torque on Bushing)...........................................................................................................1.7-2.0 N-m (15-18 lb.-in.) maximum
Weight (Single Section) ......................................................................................................................................................30 grams maximum
Terminals................................................................................................................................................Printed circuit terminals or solder lugs
Soldering Condition............................................Recommended hand soldering using Sn95/Ag5 no clean solder, 0.025 ˝ wire diameter.
Maximum temperature 399 °C (750 °F) for 3 seconds. No wash process to be used with no clean flux.
Part can be wave soldered at 260 °C (500 °F) for 5 seconds, no wash process with no clean flux.
Marking...........................................................................Manufacturer’s trademark, wiring diagram, resistance, date code, and part number
Ganging (Multiple Section Potentiometers)..............................................................................................................................1 cup maximum
Hardware....................................................................................One lockwasher and one mounting nut is shipped with each potentiometer;
locking bushing versions are shipped with one additional locking nut
(Bushing A&H: H-37-2 & H-38-2; Bushing B: H-37-2, H-38-2 & H-38-4; Bushing C: H-37-1 & H-38-1;
Bushing E: H-37-1, H-38-1 & H-38-3)
1 Electrical specifications tested at 250 RPM, at room ambient: +25 °C nominal.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7