Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CX60-SLDA Datasheet(PDF) 7 Page - Hirose Electric

Part # CX60-SLDA
Description  USB Type-C Connector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CX60-SLDA Datasheet(HTML) 7 Page - Hirose Electric

Back Button CX60-SLDA Datasheet HTML 3Page - Hirose Electric CX60-SLDA Datasheet HTML 4Page - Hirose Electric CX60-SLDA Datasheet HTML 5Page - Hirose Electric CX60-SLDA Datasheet HTML 6Page - Hirose Electric CX60-SLDA Datasheet HTML 7Page - Hirose Electric CX60-SLDA Datasheet HTML 8Page - Hirose Electric CX60-SLDA Datasheet HTML 9Page - Hirose Electric CX60-SLDA Datasheet HTML 10Page - Hirose Electric CX60-SLDA Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
CXSeries/USBType-CConnector
Type
Style
PartNo.
ProductImage
No.of
Pos.
Transmission
Speed
Rated
Current
Features
PlugUnit
PaddleCard
SMT
Double-row
(PCBWire
Soldering)
CX60-24S-UNIT
24pos.
20Gbps
USB4
Gen.2x2
5A
SlimType
TIDNo.5,200,000,291
PlugShell -
CX60-SLDA
-
SlimType
Cable
Assembly
-
CX60-24S-1000-C1
24pos.
20Gbps
USB4
Gen.2x2
5A
Double-Ended,
CableLength:1m
SlimType
TIDNo.5648
CX60-24S-1000-CD
Double-Ended,
CableLength:1m
ScrewLockingType
[DualScrew]
CX60-24S-1000-CS
Double-Ended,
CableLength:1m
ScrewLockingType
[SingleScrew]
Plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com