Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDM1-6C1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # HDM1-6C1
Description  ESD protection and signal booster for HDMI source control stage interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDM1-6C1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HDM1-6C1 Datasheet HTML 8Page - STMicroelectronics HDM1-6C1 Datasheet HTML 9Page - STMicroelectronics HDM1-6C1 Datasheet HTML 10Page - STMicroelectronics HDM1-6C1 Datasheet HTML 11Page - STMicroelectronics HDM1-6C1 Datasheet HTML 12Page - STMicroelectronics HDM1-6C1 Datasheet HTML 13Page - STMicroelectronics HDM1-6C1 Datasheet HTML 14Page - STMicroelectronics HDM1-6C1 Datasheet HTML 15Page - STMicroelectronics HDM1-6C1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
3
Electrical characteristics
Table 2. Absolute maximum ratings (limiting values)
Symbol
Parameter
Test conditions
Value
Unit
VPP_BUS
ESD discharge on HDMI cable side (pins 8 to 16)
IEC 61000-4-2 level 4
Contact discharge
±8(1)
kV
Air discharge
±15
VPP_IC
ESD discharge (all pins)
HBM
‑JESD22-A114D, level 2
Contact discharge
±2
kV
Air discharge
±2
TSTG
Storage temperature range
-55 to +150
°C
TOP
Operating temperature range
-40 to +85
°C
TL
Maximum lead temperature
260
°C
VDD_5V, VDD_IC,
VDD_CEC, VDD_CEC_IC
Supply voltages
6
V
Inputs
Logical input min / max voltage range
-0.3 to 6
V
1. With a 1 µF low ESR capacitor connected to the 5V_OUT pin
Table 3. Power supply characteristics (Tamb = 25 °C)
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VDD_CEC
CEC supply voltage, bus side
2.97
3.3
3.63
V
VDD_CEC_IC CEC supply voltage, IC side
1.62
3.63
V
VDD_IC
Low-voltage ASIC supply voltage
1.62
3.63
V
VDD_5V
5 V input supply voltage range
4.9
5.0
5.3
V
VDD_5V_ON(1) +5 V power-on reset
3.5
3.8
4.1
°C
VDD_5V_ON CEC power on reset
2.6
2.8
2.95
V
IQS_5V
Quiescent
currents on
VDD_5V, VDD_IC,
VDD_CEC,
VDD_CEC_IC
VDD_5V = 5 V, VDD_IC =
1.8 V, VDD_CEC = 3.3 V,
VDD_CEC_IC = 1.8 V, idle-
state on CEC and DDC
links, HPD and 5V_OUT
links open
600
µA
IQS_IC
75
IQS_CEC
200
IQS_CEC_IC
40
Rth
Junction to
ambient thermal
resistance
Copper heatsink as shown
by Figure 17
70
°C/W
TSD
Thermal shutdown threshold
120
150
°C
PTOTAL_SB
Standby
conditions
VDD_5V = VDD_IC = 0
V, VDD_CEC = 3.3 V,
VDD_CEC_IC = 3.3 V
0.8
mW
1. In order to activate the DDC lines functional block, the three following conditions have to be met:
•
VDD_5V has to reach the VDD_ON threshold
•
The inputs and outputs of the bidirectional level shifters must be set to a high level after the power-on
•
The HPD line has to be activated one time
HDMI2C1-6C1
Electrical characteristics
DS9943 - Rev 4
page 12/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com