Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC8110 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC8110
Description  Load switch IC with ideal diode function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8110 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC8110 Datasheet HTML 17Page - Torex Semiconductor XC8110 Datasheet HTML 18Page - Torex Semiconductor XC8110 Datasheet HTML 19Page - Torex Semiconductor XC8110 Datasheet HTML 20Page - Torex Semiconductor XC8110 Datasheet HTML 21Page - Torex Semiconductor XC8110 Datasheet HTML 22Page - Torex Semiconductor XC8110 Datasheet HTML 23Page - Torex Semiconductor XC8110 Datasheet HTML 24Page - Torex Semiconductor XC8110 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21/30
XC8110/XC8111
Series
■
CHARACTERISTICS
(9) Output Current vs Forward Voltage
XC8111 Series, Ta=25℃
CIN=CL=1.0μF (GRM155C71A105ME11D)
VIN=1.5V
VIN=3.6V
VIN=6.0V
0
50
100
150
200
250
300
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
Forward Voltage [V]
WLP-4-02
USP-6B06
SOT-25
Schottky diode
0
100
200
300
400
500
600
700
800
900
1000
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
Forward Voltage [V]
WLP-4-02
USP-6B06
SOT-25
Schottky diode
0
100
200
300
400
500
600
700
800
900
1000
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
Forward Voltage [V]
WLP-4-02
USP-6B06
SOT-25
Schottky diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com