Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVR40150SP Datasheet(PDF) 8 Page - ABB

Part # OVR40150SP
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40150SP Datasheet(HTML) 8 Page - ABB

Back Button OVR40150SP Datasheet HTML 4Page - ABB OVR40150SP Datasheet HTML 5Page - ABB OVR40150SP Datasheet HTML 6Page - ABB OVR40150SP Datasheet HTML 7Page - ABB OVR40150SP Datasheet HTML 8Page - ABB OVR40150SP Datasheet HTML 9Page - ABB OVR40150SP Datasheet HTML 10Page - ABB OVR40150SP Datasheet HTML 11Page - ABB OVR40150SP Datasheet HTML 12Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Surge
Pr
otective
Devices
16.6
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
The MLV will allow comparison of different types of SPDs with
regards to the let-through voltage. However, it is important to note
that the surge current used to measure the let-through voltage
is six times higher in the 3rd Edition than in the 2nd Edition. This
means that, comparing the obsolete SVR designation with the
new VPR ratings will not be valid, as VPR ratings will of course be
higher than SVR ratings.
The nominal discharge current: In
The nominal discharge current, known as In test, is new to
UL 1449, coming from the IEC standard.
During the test, the SPD is subjected to 15 impulses at the
selected nominal discharge current. In order to pass, the SPD
cannot create a shock or fire hazard during the test, and nothing
in the surge path can open during or after the test. The nominal
discharge current values, with a 8/20 µs wave shape, are selected
by the manufacturer as follows:
Type 1: 10 or 20 kA
Type 2: 3, 5, 10 or 20 kA
Type 1, Type 2 and Type 4 SPDs (intended for Type 1 or
Type 2 applications) are subjected to this test.
Sources: Underwriters Laboratories Inc., Standard for Safety, Surge Protective
Devices (UL 1449 Third Edition, 2011)
General information
Terminology of SPD electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com