Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVR40320SPTS Datasheet(PDF) 58 Page - ABB

Part # OVR40320SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SPTS Datasheet(HTML) 58 Page - ABB

Back Button OVR40320SPTS Datasheet HTML 54Page - ABB OVR40320SPTS Datasheet HTML 55Page - ABB OVR40320SPTS Datasheet HTML 56Page - ABB OVR40320SPTS Datasheet HTML 57Page - ABB OVR40320SPTS Datasheet HTML 58Page - ABB OVR40320SPTS Datasheet HTML 59Page - ABB OVR40320SPTS Datasheet HTML 60Page - ABB OVR40320SPTS Datasheet HTML 61Page - ABB OVR40320SPTS Datasheet HTML 62Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
16.56
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
Command
Devices
E210
Series
16
16
E210 Pushbuttons with and without LEDs
E215-... Pushbuttons (6 different button colors)
Contacts
Rated voltage
Power loss
Button
color
Width
Catalog
number
VAC
W
mm
Rated current = 16A
1NO+1NC
250
0.50
Grey
9
E215-16-11B
1NO+1NC
250
0.50
Red
9
E215-16-11C
1NO+1NC
250
0.50
Green
9
E215-16-11D
1NO+1NC
250
0.50
Yellow
9
E215-16-11E
1NO+1NC
250
0.50
Black
9
E215-16-11F
1NO+1NC
250
0.50
Blue
9
E215-16-11G
E217-... Luminous pushbuttons (5 different LED colors)
Contacts
Rated voltage
Power loss
Button
color
Width
Catalog
number
VAC
W
mm
Rated current = 16A
LED Voltage range - 115-250VAC
1NO
250
1.10
White
9
E217-16-10B
1NO
250
1.10
Red
9
E217-16-10C
1NO
250
1.10
Green
9
E217-16-10D
1NO
250
1.10
Yellow
9
E217-16-10E
1NO
250
1.10
Blue
9
E217-16-10G
1NC
250
1.10
White
9
E217-16-01B
1NC
250
1.10
Red
9
E217-16-01C
1NC
250
1.10
Green
9
E217-16-01D
1NC
250
1.10
Yellow
9
E217-16-01E
1NC
250
1.10
Blue
9
E217-16-01G
Pushbuttons without and with LED
The new products are available in 9 mm widths (= 0.5 modules). The devices can be used in distribution boards and are all
distinguished by their simple handling, ease of mounting and optimal functionality. The pushbuttons are used for remote control in all
kinds of electrical installation (e.g. public, industrial). The range offers three different voltages. (Ranges: 12-48 V AC/DC; 115-250 V
AC and 110-220 V DC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com