Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVR40660P Datasheet(PDF) 20 Page - ABB

Part # OVR40660P
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40660P Datasheet(HTML) 20 Page - ABB

Back Button OVR40660P Datasheet HTML 16Page - ABB OVR40660P Datasheet HTML 17Page - ABB OVR40660P Datasheet HTML 18Page - ABB OVR40660P Datasheet HTML 19Page - ABB OVR40660P Datasheet HTML 20Page - ABB OVR40660P Datasheet HTML 21Page - ABB OVR40660P Datasheet HTML 22Page - ABB OVR40660P Datasheet HTML 23Page - ABB OVR40660P Datasheet HTML 24Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Surge
Pr
otective
Devices
16.18
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
One pole + neutral
Catalog number
Service voltage 1)
Max. discharge current
(Imax, 8/20µs, kA)
Aux. contact -
remote
monitoring
Replacement
cartridge 2)
OVRT21N15150PU
120V Single phase, 240/120V Split phase, 208/120V
Wye
15
No
OVRT215150CU,
OVRT270NCU
OVRT21N15320PU
240/120V HLD, 240V Single phase, 277V Single phase,
480/240V Split phase, 480/277V Wye
15
No
OVRT215320CU,
OVRT270NCU
OVRT21N40150PTSU
120V Single phase, 240/120V Split phase, 208/120V
Wye
40
Yes
OVRT240150CU,
OVRT270NCU
OVRT21N40320PTSU
240/120V HLD, 240V Single phase, 277V Single phase,
480/240V Split phase, 480/277V Wye
40
Yes
OVRT240320CU,
OVRT270NCU
OVRT21N40440PTSU
600/347V Wye
40
Yes
OVRT240440CU,
OVRT270NCU
OVRT21N40550PTSU
600/347V Wye
40
Yes
OVRT240550CU,
OVRT270NCU
OVRT21N40660PTSU
600/347V Wye
40
Yes
OVRT240660CU,
OVRT270NCU
1) May require multiple SPDs
2) May require up to one phase and one neutral replacement cartridges
Two pole + neutral
Catalog number
Service voltage 1)
Max. discharge current
(Imax, 8/20µs, kA)
Aux. contact -
remote
monitoring
Replacement
cartridge 2)
OVRT22N15150PU
240/120V Split phase, 208/120V Wye
15
No
OVRT215150CU,
OVRT270NCU
OVRT22N15320PU
240/120V HLD, 480/240V Split phase, 480/277V Wye
15
No
OVRT215320CU,
OVRT270NCU
OVRT22N40150PTSU
240/120V Split phase, 208/120V Wye
40
Yes
OVRT240150CU,
OVRT270NCU
OVRT22N40320PTSU
240/120V HLD, 480/240V Split phase, 480/277V Wye
40
Yes
OVRT240320CU,
OVRT270NCU
OVRT22N40440PTSU
600/347V Wye
40
Yes
OVRT240440CU,
OVRT270NCU
OVRT22N40550PTSU
600/347V Wye
40
Yes
OVRT240550CU,
OVRT270NCU
OVRT22N40660PTSU
600/347V Wye
40
Yes
OVRT240660CU,
OVRT270NCU
1) May require multiple SPDs
2) May require up to two phase and one neutral replacement cartridges.
Product selection
OVR DIN rail SPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com