Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMD2SW.0204OZ Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # SMD2SW.0204OZ
Description  Indium Solder Wire (In52/Sn48) 0.031" diameter - 10 ft with 2cc SMD291 flux
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

SMD2SW.0204OZ Datasheet(HTML) 1 Page - Chip Quik Inc.

  SMD2SW.0204OZ Datasheet HTML 1Page - Chip Quik Inc. SMD2SW.0204OZ Datasheet HTML 2Page - Chip Quik Inc. SMD2SW.0204OZ Datasheet HTML 3Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet revision 1.4
www.chipquik.com
Indium Solder Wire (In52/Sn48) 0.031" diameter - 10 ft with 2cc SMD291 flux
Product Highlights
Low Temperature Melts at 118°C (244°F)
Lead-Free
RoHS 3 compliant
REACH compliant
This eutectic alloy is excellent for low temperature soldering and sealing.
Specifications
Alloy:
In52/Sn48
Tensile Strength:
11.9 N/mm^2 (at 20°C)
Wire diameter:
0.031” (0.8mm)
Flux Core:
No flux core, solid solder wire
Melting Point:
118°C (244°F)
Packaging:
10ft spool, comes with 2cc of SMD291 flux
Shelf Life:
>60 months
Recommended Accessory Flux
Recommended to use with Chip Quik® SMD291 flux.
Storage and Handling
Store in a non-corrosive, dry environment.
1
© 1994-2022 Chip Quik® Inc.
S
SM
MD
DIIN
N5
52
2S
SN
N4
48
8


Similar Part No. - SMD2SW.0204OZ

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SMD2 COOPER-SMD2 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Fronter Electronics Co....
SMD2.0X1.2 FRONTER-SMD2.0X1.2 Datasheet
229Kb / 2P
2 Pad Version 2.0x1.2 mm
logo
Cooper Bussmann, Inc.
SMD20 COOPER-SMD20 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
SMD200 ETC2-SMD200 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
SMD200-2 ETC1-SMD200-2 Datasheet
313Kb / 4P
PolySwitch SMD
More results

Similar Description - SMD2SW.0204OZ

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1001-2 PASTERNACK-PE1001-2 Datasheet
203Kb / 2P
HERMETIC Seal Solder Contact with 0.015 Pin Diameter
PE1001-7 PASTERNACK-PE1001-7 Datasheet
209Kb / 2P
Hermetic Seal Solder Contact With 0.009 Pin Diameter 0.068 Body Diameter And 0.031 Pin Lengthq
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
logo
ORION FANS
G172 ORIONFANS-G172 Datasheet
764Kb / 1P
WIRE DIAMETER
logo
Pasternack Enterprises,...
PE1013-7 PASTERNACK-PE1013-7 Datasheet
324Kb / 2P
Hermetic Seal Solder Contact With 0.009 Diameter Full Radius Pin, 0.068 Body Diameter And 0.031 Pin Length
logo
PUI audio inc.
ANM-5254L-R PUIAUDIO-ANM-5254L-R Datasheet
542Kb / 3P
9.7mm overall diameter and 5.2mm height with solder pads
POM-2738L-R PUIAUDIO-POM-2738L-R Datasheet
571Kb / 3P
6mm overall diameter and 2.7mm height with solder pads
POM-3042L-R PUIAUDIO-POM-3042L-R Datasheet
472Kb / 3P
6mm overall diameter and 3mm height with solder pads
logo
List of Unclassifed Man...
RMA-218 ETC2-RMA-218 Datasheet
135Kb / 1P
Solder paste (flux) KINBO RMA-218 10g
logo
NXP Semiconductors
MMG2401 NXP-MMG2401 Datasheet
468Kb / 12P
Indium Gallium Phosphorus HBT
Rev. 3, 5/2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com