Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GVAP115 Datasheet(PDF) 4 Page - Schneider Electric

Part # GVAP115
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP115 Datasheet(HTML) 4 Page - Schneider Electric

  GVAP115 Datasheet HTML 1Page - Schneider Electric GVAP115 Datasheet HTML 2Page - Schneider Electric GVAP115 Datasheet HTML 3Page - Schneider Electric GVAP115 Datasheet HTML 4Page - Schneider Electric GVAP115 Datasheet HTML 5Page - Schneider Electric GVAP115 Datasheet HTML 6Page - Schneider Electric GVAP115 Datasheet HTML 7Page - Schneider Electric GVAP115 Datasheet HTML 8Page - Schneider Electric GVAP115 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
General Information
© 2001-2002 Schneider Electric All Rights Reserved
4
10/02
INTRODUCTION
Square D/Telemecanique offers a complete line of products for the manual control and protection of
motors. This catalog covers those devices designed to meet IEC standards for protection and control.
♣
The GV2 and GV3 manual starter and protector provides manual isolation, manual motor control, and
overcurrent protection in one compact unit. Square D offers four different products that make up the GV
product family; GV2ME, GV2P, and GV3ME and GV7. These devices are UL Listed as Manual Motor
Controllers.
The GV2ME controls motors with full load currents up to 32 A. The GV2P, high performance manual
starter, offers a higher withstand rating and visible trip indication. The GV3ME controls larger motors
with full load currents up to 63 A. The GV7 provides control and protection for motors with full load
currents up to 220 A.
The GV2 and GV3 manual starters and protectors are also UL Listed for group installation applications.
See page 6 for maximum fuse or circuit breaker ratings when used in group installations.
In many European applications, the GV devices are used as circuit breakers because they meet the
requirements of IEC 60947-2 for circuit breakers. However, the GV starter does not meet North
American circuit breaker standards such as UL, National Electrical Code, or CSA.
Standard Features
The GV family offers such standard features as:
• UL Listed, CSA Certified, and CE Marked
• UL Listed for Group Motor Applications (for more details see page 7)
• Overload relay
— Class 10, ambient compensated (GV2, GV3)
— Class 10, solid state (GV7)
• Single phase sensitivity
• Magnetic instantaneous short-circuit protection
• Test trip mechanism
• Provision for padlocking in the OFF position
— Standard for GV2, GV3
— Requires attachment of rotary handle for GV7
• Fingersafe terminals (meets IP20 standards)
• North American and European terminal markings
♣ Related catalogs cover products used in conjunction with manual motor protectors:
IEC Style Contactors and Starters, catalog number 8502CT9901R9/02.
Wiring, Communication and Busbar System, catalog number 8502CT0101.
For manual motor starters designed to meet NEMA standards refer to catalog number 2510CT9701.
®
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com