Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8753LGEB/V Datasheet(PDF) 89 Page - Wolfson Microelectronics plc

Part # WM8753LGEB/V
Description  Hi-Fi and Telephony Dual CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LGEB/V Datasheet(HTML) 89 Page - Wolfson Microelectronics plc

Back Button WM8753LGEB/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8753LGEB/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8753LGEB/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8753LGEB/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8753LGEB/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8753LGEB/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8753LGEB/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8753LGEB/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8753LGEB/V Datasheet HTML 92Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
WM8753L
Pre-Production
w
PP Rev 3.4 November 2005
89
MINIMISING POP NOISE AT THE ANALOGUE OUTPUTS
To minimise any pop or click noise when the system is powered up or down, the following procedures
are recommended.
POWER SUPPLIES
The ideal way to apply power to the WM8753 is to all supplies at the same time.
This is not always possible in many designs due to supplies being sourced from different voltage
regulators or direct from batteries. In these situations, it is recommended that supplies are applied in
the following order.
1. DCVDD, DBVDD and PVDD (if not at the same time, any order may be used)
2. AVDD
3. HPVDD and SPKRVDD (if not at the same time, any order may be used)
Supplies may be removed in any order. However, it is recommended that HPVDD and SPKRVDD
supplies be removed last.
POWER UP
Switch on power supplies. By default the WM8753L is in Standby Mode, the DAC is
digitally muted and the Audio Interface and Outputs are all OFF
Enable Vmid and VREF. Allow VREF to settle. The settling time depends on the
value of the capacitor connected at VMID, and the size of the resistors selected
using VMIDSEL (
τ = RC).
Enable DACs, etc. as required.
Enable outputs as required.
Set DACMU = 0 to un-mute the audio DACs.
POWER DOWN (MINIMUM NOISE)
Set DACMU = 1 to mute the audio DACs.
Disable all Outputs.
Disable VREF and VMIDSEL.
Switch off the power supplies
POWER DOWN (QUICKEST MIDRAIL DISCHARGE)
Set DACMU = 1 to mute the audio DACs.
Disable VREF and VMIDSEL.
Switch off the power supplies.
A choice of two power down sequences have been recommended. The first is completely noise free
with the disadvantage that the mid-rail voltage can take some time to discharge due to the large
amount of capacitance attached to the outputs. The second offers a quick discharge of the output
capacitors but as the outputs have not been powered down it does allow for the small possibility that
noise may be heard during power down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com