Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8816 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8816
Description  Stereo Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8816 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8816 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
w
WM8816
Stereo Digital Volume Control
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Product Preview, October 2004, Rev 1.5
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8816 is a highly linear stereo volume control for
audio systems. The design is based on resistor chains with
external op-amps, which provides flexibility for the supply
voltage, signal swing, noise floor and cost optimisation. The
gain of each channel can be independently programmed
from -111.5dB to +15.5dB through a digital serial control
interface.
Audible clicks on gain changes are eliminated by changing
gains only when a zero crossing has been detected in the
signal. The device also features peak level detection, which
can be used for Automatic Gain Control. The WM8816
operates from a single +5V supply and accepts signal input
levels up to ±18V.
The WM8816 is available in a 16-pin SOIC package. It is
guaranteed over a temperature range of -20
° to +60°C.
FEATURES
•
Gain range from -111.5dB to +15.5dB
•
0.5dB Gain step size
•
Total Harmonic Distortion 0.001% (100dB) typical
•
Crosstalk -110dB typical
•
Input signals up to ±18V
•
Zero Detection for Gain Changes
•
Hardware and Software Mute
•
Power On/Off Transient Suppression
APPLICATIONS
•
Audio Amplifiers
•
Consumer Audio / Entertainment Systems
•
Mixing Desks
•
Audio Recording Equipment
BLOCK DIAGRAM
Zero
Crossing
Detector
Zero
Crossing
Detector
Peak
Level
Detector
Peak
Level
Detector
CSB
MUTEB
DATA
CCLK
LGND
LIN
DAC
LFO
LMO
RIN
RGND
RFO
RMO
AVDD
AGND
DVDD
DGND
+
-
+
-
LEFT OUT
RIGHT OUT
External Opamps
Control
WM8816


Similar Part No. - WM8816

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
Stereo Digital Volume Control
WM8816-MICRO-EV1M WOLFSON-WM8816-MICRO-EV1M Datasheet
207Kb / 12P
Micro-Controller Board User Handbook
More results

Similar Description - WM8816

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
Stereo Digital Volume Control
FEB 99
logo
Micro Analog systems
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
Stereo Digital Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
208Kb / 18P
Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310_05 Datasheet
277Kb / 17P
Stereo Digital Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116_17 Datasheet
994Kb / 20P
Stereo Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com