Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8940GEFL/V Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM8940GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940GEFL/V Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM8940GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
WM8940
Pre-Production
w
Pre-Production, Rev 3.0, February 2007
60
Figure 33 Example Usage of MODE Pin to Generate a Clock out in 3-wire Mode
This example shows how the MODE_GPIO register bit interfaces to the MODE pad in the case
there MODE is used as a GPIO output. When MODE_GPIO is set, the internal version of
MODE is overridden to high and the MODE pin output driver is enabled. The pull up, which is
used to default 3-wire mode at start-up, is disabled as a power saving measure. MODE_GPIO
cannot be set in 2-wire m–de - this would prevent correct operation of the control interface.
Internal timing is arranged to ensure that the override is in place before the pull-up is disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
GPIO
control
7
MODE_GPIO
0
Selects MODE as a GPIO pin
0 = MODE is an input. MODE selects 2-
wire mode when low and 3-wire mode
when high.
1 = MODE can be an input or output
under the control of the GPIO control
register. Interface operates in 3-wire
mode regardless of what happens on the
MODE pin.
Table 54 Mode is GPIO Control
Auto-incremental writes are supported in 2 wire and 3 wire modes. This is enabled by default.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
Control
Interface
1
AUTOINC
1
Auto-Incremental write enable
0=Auto-Incremental writes disabled
1=Auto-Incremental writes enabled
Table 55 Control Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com