Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8976GEFL/V Datasheet(PDF) 93 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/V
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V Datasheet(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
Pre-Production
WM8976
w
PP Rev 3.0 April 2006
93
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0001
181.6us
1.453ms
10.53ms
0010
363.2us
2.905ms
21.06ms
… (time doubles with every step)
1010
93ms
744ms
5.39s
ALC attack (gain ramp-down) time
(ALCMODE == 0)
Per step
Per 6dB
90% of
range
0000
104us
832us
6ms
0001
208us
1.664ms
12ms
0010
416us
3.328ms
24.1ms
… (time doubles with every step)
0010
1010 or
higher
106ms
852ms
6.18s
ALC attack (gain ramp-down) time
(ALCMODE == 1)
Per step
Per 6dB
90% of
range
0000
22.7us
182.4us
1.31ms
0001
45.4us
363.2us
2.62ms
0010
90.8us
726.4us
5.26ms
… (time doubles with every step)
3:0
ALCATK
0010
1010
23.2ms
186ms
1.348s
Input Limiter/
Automatic
Level Control
(ALC)
8:4
00000
Reserved
3
NGEN
0
ALC Noise gate function enable
1 = enable
0 = disable
Input Limiter/
Automatic
Level Control
(ALC)
35 (23h)
2:0
NGTH
000
ALC Noise gate threshold:
000=-39dB
001=-45dB
010=-51db
… (6dB steps)
111=-81dB
Input Limiter/
Automatic
Level Control
(ALC)
8:5
0000
Reserved
4
PLL
PRESCALE
0
0 = MCLK input not divided (default)
1 = Divide MCLK by 2 before input to PLL
Master Clock
and Phase
Locked Loop
(PLL)
36 (24h)
3:0
PLLN[3:0]
1000
Integer (N) part of PLL input/output frequency
ratio. Use values greater than 5 and less than 13.
Master Clock
and Phase
Locked Loop
(PLL)
8:6
000
Reserved
37 (25h)
5:0
PLLK[23:18]
01100
Fractional (K) part of PLL1 input/output frequency
ratio (treat as one 24-digit binary number).
Master Clock
and Phase
Locked Loop
(PLL)
38 (26h)
8:0
PLLK[17:9]
01001001
1
Fractional (K) part of PLL1 input/output frequency
ratio (treat as one 24-digit binary number).
Master Clock
and Phase
Locked Loop
(PLL)
39 (27h)
8:0
PLLK[8:0]
01110100
1
Fractional (K) part of PLL1 input/output frequency
ratio (treat as one 24-digit binary number).
Master Clock
and Phase
Locked Loop
(PLL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com