Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8976GEFL/V Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/V
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 104Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 108 page
background image
Pre-Production
WM8976
w
PP Rev 3.0 April 2006
101
HIGHPASS FILTER
The WM8976 has a selectable digital highpass filter in the ADC filter path.
This filter has two
modes, audio and applications. In audio mode the filter is a 1
st order IIR with a cut-off of around
3.7Hz.
In applications mode the filter is a 2
nd order high pass filter with a selectable cut-off
frequency.
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
5
10
15
20
25
30
35
40
45
Frequency (Hz)
Figure 46 ADC Highpass Filter Response, HPFAPP=0
-60
-50
-40
-30
-20
-10
0
10
0
200
400
600
800
1000
1200
Frequency (Hz)
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
200
400
600
800
1000
1200
Frequency (Hz)
Figure 47 ADC Highpass Filter Responses (48kHz),
HPFAPP=1, all cut-off settings shown.
Figure 48 ADC Highpass Filter Responses (24kHz),
HPFAPP=1, all cut-off settings shown.
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
200
400
600
800
1000
1200
Frequency (Hz)
Figure 49 ADC Highpass Filter Responses (12kHz),
HPFAPP=1, all cut-off settings shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com