Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8976GEFL/RV Datasheet(PDF) 96 Page - Wolfson Microelectronics plc

Part # WM8976GEFL/RV
Description  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/RV Datasheet(HTML) 96 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/RV Datasheet HTML 92Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 93Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 94Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 95Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 96Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 97Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 98Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 99Page - Wolfson Microelectronics plc WM8976GEFL/RV Datasheet HTML 100Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
96
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
8:6
AUXLMIX
VOL
000
Aux left channel input to left mixer volume control:
000 = -15dB
001 = -12dB
…
101 = 0dB
110 = +3dB
111 = +6dB
Analogue
Outputs
5
AUXL2L
MIX
0
Left Auxilliary input to left channel output mixer:
0 = not selected
1 = selected
Analogue
Outputs
4:2
BYPLMIX
VOL
000
Bypass volume contol to left output channel mixer:
000 = -15dB
001 = -12dB
…
101 = 0dB
110 = +3dB
111 = +6dB
Analogue
Outputs
1
BYPL2L
MIX
0
Bypass path (from the input boost output) to left
output mixer
0 = not selected
1 = selected
Analogue
Outputs
50 (32h)
0
DACL2L
MIX
1
Left DAC output to left output mixer
0 = not selected
1 = selected
Analogue
Outputs
8:6
AUXRMIX
VOL
000
Aux right channel input to right mixer volume
control:
000 = -15dB
001 = -12dB
…
101 = 0dB
110 = +3dB
111 = +6dB
Analogue
Outputs
5
AUXR2R
MIX
0
Right Auxilliary input to right channel output mixer:
0 = not selected
1 = selected
Analogue
Outputs
4:1
0000
Reserved
51 (33h)
0
DACR2R
MIX
1
Right DAC output to right output mixer
0 = not selected
1 = selected
Analogue
Outputs
8
HPVU
N/A
LOUT1 and ROUT1 volumes do not update until a
1 is written to HPVU (in reg 52 or 53)
Analogue
Outputs
7
LOUT1ZC
0
Headphone volume zero cross enable:
1 = Change gain on zero cross only
0 = Change gain immediately
Analogue
Outputs
6
LOUT1
MUTE
0
Left headphone output mute:
0 = Normal operation
1 = Mute
Analogue
Outputs
52 (34h)
5:0
LOUT1VOL
111001
Left headphone output volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
Analogue
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com